Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/P Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16LC773-04/P
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16LC773-04/P Datasheet HTML 18Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 19Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 20Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 21Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 22Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 23Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 24Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 25Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 200 page
background image
PIC16C77X
DS30275A-page 22
Advance Information
© 1999 Microchip Technology Inc.
2.2.2.7
PIR2 REGISTER
This register contains the CCP2, SSP Bus Collision,
and Low-voltage detect interrupt flag bits.
.
FIGURE 2-9:
PIR2 REGISTER (ADDRESS 0Dh)
Note:
Interrupt flag bits get set when an interrupt
condition occurs regardless of the state of
its corresponding enable bit or the global
enable bit, GIE (INTCON<7>). User soft-
ware should ensure the appropriate inter-
rupt flag bits are clear prior to enabling an
interrupt.
R/W-0
U-0
U-0
U-0
R/W-0
U-0
U-0
R/W-0
LVDIF
—
—
—BCLIF
—
—
CCP2IF
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
LVDIF: Low-voltage Detect Interrupt Flag bit
1 = The supply voltage has fallen below the specified LVD voltage (must be cleared in software)
0 = The supply voltage is greater than the specified LVD voltage
bit 6-4:
Unimplemented: Read as ’0’
bit 3:
BCLIF: Bus Collision Interrupt Flag bit
1 = A bus collision has occurred while the SSP module configured in I2C Master was transmitting
(must be cleared in software)
0 = No bus collision occurred
bit 2-1:
Unimplemented: Read as ’0’
bit 0:
CCP2IF: CCP2 Interrupt Flag bit
Capture Mode
1 = A TMR1 register capture occurred (must be cleared in software)
0 = No TMR1 register capture occurred
Compare Mode
1 = A TMR1 register compare match occurred (must be cleared in software)
0 = No TMR1 register compare match occurred
PWM Mode
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com