Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/P Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16LC773-04/P
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/P Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16LC773-04/P Datasheet HTML 76Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 77Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 78Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 79Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 80Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 81Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 82Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 83Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 200 page
background image
PIC16C77X
DS30275A-page 80
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 8-25: MASTER TRANSMIT FLOWCHART
Idle Mode
Num_Clocks = 0,
Release SDA so
slave can drive ACK,
Num_Clocks
Load BRG with
SDA = Current Data bit
Yes
BRG
rollover?
No
BRG
No
Yes
Force SCL = 0
= 8?
Yes
No
Yes
BRG
rollover?
No
Force SCL = 1,
Stop BRG
SCL = 1?
Load BRG with
count high time
Rollover?
No
Read SDA and place into
AKSTAT bit (SSPCON2<6>)
Force SCL = 0,
SCL = 1?
SDA =
Data bit?
No
Yes
Yes
rollover?
No
Yes
Stop BRG,
Force SCL = 1
(Clock Arbitration)
(Clock Arbitration)
Num_Clocks
= Num_Clocks + 1
Bus collision detected
Set BCLIF, hold prescale off,
Yes
No
BF = 1
Force BF = 0
SSPADD<6:0>,
start BRG count,
Load BRG with
SSPADD<6:0>,
start BRG count
SSPADD<6:0>,
Load BRG with
count SCL high time
SSPADD<6:0>,
SDA =
Data bit?
Yes
No
Clear XMIT enable
SCL = 0?
No
Yes
Reset BRG
Write SSPBUF
Set SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com