Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/P Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16LC773-04/P
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/P Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16LC773-04/P Datasheet HTML 81Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 82Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 83Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 84Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 85Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 86Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 87Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 88Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 85
8.2.13
ACKNOWLEDGE SEQUENCE TIMING
An acknowledge sequence is enabled by setting the
acknowledge
sequence
enable
bit,
AKEN
(SSPCON2<4>). When this bit is set, the SCL pin is
pulled low and the contents of the acknowledge data
bit is presented on the SDA pin. If the user wishes to
generate an acknowledge, then the AKDT bit should be
cleared. If not, the user should set the AKDT bit before
starting an acknowledge sequence.
The baud rate
generator then counts for one rollover period (TBRG),
and the SCL pin is de-asserted (pulled high). When the
SCL pin is sampled high (clock arbitration), the baud
rate generator counts for TBRG . The SCL pin is then
pulled low. Following this, the AKEN bit is automati-
cally cleared, the baud rate generator is turned off, and
the SSP module then goes into IDLE mode. (Figure 8-
29)
8.2.13.13 WCOL STATUS FLAG
If the user writes the SSPBUF when an acknowledege
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 8-29: ACKNOWLEDGE SEQUENCE WAVEFORM
Note: T
BRG= one baud rate generator period.
SDA
SCL
Set SSPIF at the end
Acknowledge sequence starts here,
Write to SSPCON2
AKEN automatically cleared
Cleared in
T
BRG
T
BRG
of receive
ACK
8
AKEN = 1, AKDT = 0
D0
9
SSPIF
software
Set SSPIF at the end
of acknowledge sequence
Cleared in
software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com