Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC712-04/SS Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16LC712-04/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-04/SS Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16LC712-04/SS Datasheet HTML 22Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 23Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 24Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 25Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 26Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 27Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 28Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 29Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
PIC16C712/716
DS41106A-page 26
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 3-7:
BLOCK DIAGRAM OF RB7:RB4 PINS
TABLE 3-3
PORTB FUNCTIONS
Name
Bit#
Buffer
Function
RB0/INT
bit0
TTL/ST(1)
Input/output pin or external interrupt input. Internal software
programmable weak pull-up.
RB1/T1OS0/
T1CKI
bit1
TTL/ST(1)
Input/output pin or Timer 1 oscillator output, or Timer 1 clock input. Internal
software programmable weak pull-up. See Timer1 section for detailed
operation.
RB2/T1OSI
bit2
TTL/ST(1)
Input/output pin or Timer 1 oscillator input. Internal software programmable
weak pull-up. See Timer1 section for detailed operation.
RB3/CCP1
bit3
TTL/ST(1)
Input/output pin or Capture 1 input, or Compare 1 output, or PWM1 output.
Internal software programmable weak pull-up. See CCP1 section for
detailed operation.
RB4
bit4
TTL
Input/output pin (with interrupt on change). Internal software programmable
weak pull-up.
RB5
bit5
TTL
Input/output pin (with interrupt on change). Internal software programmable
weak pull-up.
RB6
bit6
TTL/ST(2)
Input/output pin (with interrupt on change). Internal software programmable
weak pull-up. Serial programming clock.
RB7
bit7
TTL/ST(2)
Input/output pin (with interrupt on change). Internal software programmable
weak pull-up. Serial programming data.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt or peripheral input.
2: This buffer is a Schmitt Trigger input when used in serial programming mode.
Data Latch
From other
RBPU(1)
P
VDD
I/O
Q
D
CK
Q
D
CK
QD
EN
QD
EN
DATA BUS
WR PORT
WR TRIS
Set RBIF
TRIS Latch
RD TRIS
RD PORT
RB7:RB4 pins
weak
pull-up
RD PORT
Latch
TTL
Buffer
pin
ST
Buffer
RB7:RB6 in serial programming mode
Q3
Q1
Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>).
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com