Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C641-04E/TQ Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16C641-04E/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04E/TQ Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16C641-04E/TQ Datasheet HTML 21Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 22Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 23Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 24Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 25Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 26Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 27Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 28Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 25
PIC16C64X & PIC16C66X
4.2.2.5
PIR1 REGISTER
This register contains the individual flag bits for the
comparator and Parallel Slave Port interrupts.
Note:
Interrupt flag bits get set when an interrupt
condition occurs regardless of the state of
its corresponding enable bit or the global
enable
bit,
GIE
(INTCON<7>).
User
software should ensure the appropriate
interrupt flag bits are clear prior to enabling
an interrupt.
FIGURE 4-9:
PIR1 REGISTER (ADDRESS 0Ch)
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
PSPIF(1)
CMIF
—
—
—
—
—
—
R= Readable bit
W= Writable bit
U= Unimplemented bit,
read as ‘0’
- n= Value at POR reset
bit7
bit0
bit 7:
PSPIF(1): Parallel Slave Port Interrupt Flag bit
1 = A read or write operation has taken place (must be cleared in software)
0 = No read or write operation has taken place
bit 6:
CMIF: Comparator Interrupt Flag bit
1 = Comparator input has changed (must be cleared in software)
0 = Comparator input has not changed
bit 5-0: Unimplemented: Read as '0'
Note 1: Bit PSPIF is reserved on the PIC16C641/642, always maintain this bit clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com