Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S8D Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4998S8D
Description  High Performance Programmable Dual Linear Hall Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8D Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4998S8D Datasheet HTML 4Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 5Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 6Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 7Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 8Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 9Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 10Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 11Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLE4998S8D Grade1
Overview
Technical Product Description
8
Revision 1.0, 2013-02-22
1.2
Target Applications
Robust replacement of potentiometers: No mechanical abrasion, resistant to humidity, temperature, pollution
and vibration
Linear and angular position sensing in automotive and industrial applications with highest accuracy
requirements
Suited for ASIL applications such as pedal position, throttle position and steering torque sensing
High-current sensing e.g. for battery management or motor control
1.3
Pin Configuration
Figure 1-2 shows the location of the Hall elements in the chip pin configuration of the package.
Figure 1-2
Pin Configuration of PG-TDSO-8-2 package
Table 1-2
TLE4998S8D Pin Definitions and Functions
Pin No.
Symbol
Function
1
TST
Test pin (top die) (connection to GND is recommended)
2
V
DD
Supply voltage / programming interface (top die)
3
GND
Ground (top die)
4
OUT
Output / programming interface (top die)
5
OUT
Output / programming interface (bottom die)
6
GND
Ground (bottom die)
7
V
DD
Supply voltage / programming interface (bottom die)
8
TST
Test pin (bottom die) (connection to GND is recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com