Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S8D Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4998S8D
Description  High Performance Programmable Dual Linear Hall Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8D Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4998S8D Datasheet HTML 15Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 16Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 17Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 18Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 19Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 20Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 21Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 22Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TLE4998S8D Grade1
SENT Output Definition (SAE J2716)
Technical Product Description
21
Revision 1.0, 2013-02-22
Figure 9-2
Content of a SENT Data Frame (8 Nibbles)
1111
1111
1110
1111
65519
4094
1111
1111
1110
1110
65518
1111
1111
1110
:
:
1111
1111
1110
0000
65504
1111
1111
1101
1111
65503
4093
4094
4094
4094
:
:
:
:
:
:
0000
0000
0001
0000
16
1
0000
0000
0000
1110
14
0000
0000
0000
:
:
0000
0000
0000
0001
1
0000
0000
0000
0000
0
0
0
0
0
0000
0000
0010
0000
32
2
0000
0000
0001
1111
31
0000
0000
0001
:
:
1
1
0000
0000
0000
1111
15
0
1111
1111
1111
1111
1111
1111
1111
1111
H1
H2
H3
H4
T1
T2
bits
description
state
state
status information
10
RR/ID
01
00
startup condition in RR / of ID
overvoltage in RR / of ID
normal state in RR / of ID
bits
description 2
H3
H4
decimal: OUT16
( = OUT12*16+H4 )
1111
1111
1111
1110
1111
:
1111
0000
65535 (FSR)
65534
:
65520
H2
H1
description 1
decimal: OUT12
( = H1*256+H2*16 +H3 )
4095 (FSR)
4095
4095
4095
1110
1111
184 °C
:
:
0101
0000
0100
1111
24 °C
:
25 °C
:
:
:
0000
0001
-54 °C
0011
0111
0°C
0011
0110
:
:
-1°C
:
0000
0000
-55 °C
bits
T1
T2
1111
1111
1111
1110
1111
:
1111
0000
description
decimal: TEMP8
( = T1*16 + T2 )
200 °C
199 °C
:
185 °C
SYNC
STATUS
CRC
description
CRC calculation
for all nibbles
seed value : 0101
polynomial : X4+X3 +X2+1
bits
description
11
01
00
+/- 50mT or ID #3
+/- 200mT or ID #0
+/- 100mT or ID #1
RR/ID
RR/ID
Abbreviations :
TRIGGER – trigger nibble
SYNC – synchronization nibble
STATUS – status nibble
CRC – cyclic redundancy code nibble
FSR – full scale range
H1..4 – hall value
T1..2 – temperature value
OUT12 – 12 bit output value
OUT16 – 16 bit output value
TEMP8 – 8 bit temperature value
10
+/- 100mT or ID #2
TRIGGER
omitted if F[0] = 1*
omitted if F[1] = 1*
* The number of nibbles is programmed
in the frame register F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com