Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S8D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4998S8D
Description  High Performance Programmable Dual Linear Hall Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4998S8D Datasheet HTML 5Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 6Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 7Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 8Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 9Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 10Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 11Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 12Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE4998S8D Grade1
General
Technical Product Description
9
Revision 1.0, 2013-02-22
2
General
All further given descriptions are regarded to both implemented sensor IC’s, or otherwise noted.
2.1
Block Diagram
Figure 2-1 shows is a simplified block diagram.
Figure 2-1
Block Diagram of the TLE4998S8D with the SENT interface
2.2
Functional Description
The linear Hall IC TLE4998S8D has been designed specifically to meet the requirements of highly accurate angle
and position detection, as well as for current measurement applications. Especially the dual Die version with
electrical insulated sensor IC’s, mounted on top and bottom side of the lead frame will give designs/designers a
competitive advantage when stringent safety requirements in automotive applications have to be met.
The sensor provides a digital SENT signal based on the SAE J2716 standard, which consists of a sequence of
pulses. Each transmission has a constant number of nibbles containing the Hall value, the temperature and status
information of the sensor.
The output stage is an open-drain driver pulling the output pin to low only. Therefore, the high level needs to be
obtained by an external pull-up resistor. This output type has the advantage that the receiver may use an even
lower supply voltage (e.g. 3.3 V). In this case the pull-up resistor must be connected to the given receiver supply.
The IC is produced in BiCMOS technology with high voltage capability and it also has reverse-polarity protection.
Digital signal processing using a 16-bit DSP architecture together with digital temperature and stress
compensation guarantees excellent stability over the whole temperature range and life time.
While the overall resolution is 16 bits, some internal stages work with resolutions up to 20 bits.
spinning
HALL
A
D
DSP
A
D
Temp.
Sense
ROM
EEPROM
Interface
OUT
VDD
GND
Supply
TST
Stress
Sense
SENT
Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com