Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S8D Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4998S8D
Description  High Performance Programmable Dual Linear Hall Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8D Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4998S8D Datasheet HTML 15Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 16Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 17Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 18Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 19Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 20Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 21Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 22Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TLE4998S8D Grade1
SENT Output Definition (SAE J2716)
Technical Product Description
19
Revision 1.0, 2013-02-22
9
SENT Output Definition (SAE J2716)
The sensor supports a basic version of the Single Edge Nibble Transmission (SENT) protocol defined by SAE.
The main difference between the standard version and its implementation in the TLE4998 is the usage of an open
drain instead of a push-pull output.
9.1
Basic SENT Protocol Definition
The single edge is defined by a 9-μs low pulse on the output, followed by the high time defined in the protocol
(nominal values, may vary by tolerance of internal RC oscillator and the programming, see Chapter 9.2). All
values are multiples of a 3-μs unit time frame concept. A transfer consists of the following parts:A
synchronization period of 168 μs (in parallel, a new sample is calculated)
A synchronization period of 56 UT (in parallel, a new sample is calculated)
A status nibble of 38-81
μs
Three data nibbles of 36-81
μs (data packet 1 with a length of 103-243 μs)
Three data nibbles of 36-81
μs (data packet 2 with a length of 103-243 μs)
A CRC nibble of 38-81
μs
Figure 9-1
SENT Frame
The CRC checksum calculation includes the status nibble and the data nibbles. This leads to a minimum transfer
time of 456 μs, and a maximum transfer time of 816 μs per sample.
It is important to know that the sampling time (when values are taken for temperature compensation) here is
always defined as the beginning of the synchronization period; during this period, the resulting data is always
calculated from scratch.
As only one Hall value needs to be transferred within one sequence, the second data package is divided into two
parts (see Figure 9-2).
First, the remaining 4 LSBs of the Hall signals are transferred in the first data nibble. This means the receiver
may use the whole 16-bit data available in the sensor when reading and using all 4 nibbles transferred.
Second, the temperature is transferred as an 8-bit value. The value is transferred in unsigned integer format
and corresponds to -55°C to 200°C. For example, transferring the value 55 corresponds to 0°C. The
temperature is additional information and although it is not calibrated, may be used for a plausibility check, for
example.
compensate the
sample
transfer compensated sample
Sensor processing
Output pin (physical)
Transferred data (logical)
sync. period
Status
nibble
Data
nibble 1
high
Data
nibble 2
low
CRC
nibble
check
lowtime,
process
sensor
idle
sensor
idle
zero
nibble
falling edge/ low time of
master requires sensor
response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com