Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6427CS Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML6427CS
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427CS Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML6427CS Datasheet HTML 8Page - Micro Linear Corporation ML6427CS Datasheet HTML 9Page - Micro Linear Corporation ML6427CS Datasheet HTML 10Page - Micro Linear Corporation ML6427CS Datasheet HTML 11Page - Micro Linear Corporation ML6427CS Datasheet HTML 12Page - Micro Linear Corporation ML6427CS Datasheet HTML 13Page - Micro Linear Corporation ML6427CS Datasheet HTML 14Page - Micro Linear Corporation ML6427CS Datasheet HTML 15Page - Micro Linear Corporation ML6427CS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ML6427
14
Figure 11. NTSC/PAL Video Frequency Response With and Without Peaking Capacitor
–0.5
0
0.5
1
1.5
2
2.5
FREQUENCY (MHz)
04
6
8
2
15
7
3
0.35dB
WITH
PEAKING
1.7dB
WITHOUT
PEAKING
330pF
270pF
220pF
none
Figure 13. Group Delay at 5.5MHz (PAL) With and Without Peaking Capacitor
Figure 12. Stopband Rejection at 27MHz With and Without Peaking Capacitor
0
10
20
30
40
50
FREQUENCY (MHz)
012
18
30
24
6
315
21
27
9
NTSC/PAL
–42dB
WITHOUT
PEAKING
NTSC/PAL
–38dB
WITH
PEAKING
330pF
270pF
220pF
none
FREQUENCY (MHz)
10
0
–10
–20
04
6
10
8
2
15
7
9
3
8ns
GROUP
DELAY
WITHOUT
PEAKING
13ns GROUP
DELAY
WITH 330pF
PEAKING
330pF
270pF
220pF
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com