Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6427CS Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML6427CS
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427CS Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML6427CS Datasheet HTML 7Page - Micro Linear Corporation ML6427CS Datasheet HTML 8Page - Micro Linear Corporation ML6427CS Datasheet HTML 9Page - Micro Linear Corporation ML6427CS Datasheet HTML 10Page - Micro Linear Corporation ML6427CS Datasheet HTML 11Page - Micro Linear Corporation ML6427CS Datasheet HTML 12Page - Micro Linear Corporation ML6427CS Datasheet HTML 13Page - Micro Linear Corporation ML6427CS Datasheet HTML 14Page - Micro Linear Corporation ML6427CS Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ML6427
11
Figure 7. CCIR656 and CCIR601 Application: Composite and Luma Loopback, plus H-Sync out
Figure 7a. Composite Loopback (Cascaded Filters) for Additional Attenuation
Figure 7b. Luma Loopback (Cascaded Filters) for Additional Attenuation
CVOUT1/YOUTA
21
H SYNC OUT
S-VIDEO
OUT
CHROMA OUT
CVL
CHROMA IN
CV+
(80dB/DECADE ATTENUATION)
LUMA IN
1k
Ω
CV0
1k
Ω
COMPOSITE
VIDEO OUT
COMPOSITE
VIDEO IN
LUMA OUT
CVOUT2/YOUTB
20
ROUT/YOUTC
18
23
24
1
13
14
19
5
17
22
6
GOUT/YOUTD
16
BOUT/COUT
15
CVINFA/Y2
3
GINA/Y6
9
GINB/Y7
10
BINA/C1
11
BINB/C2
12
RINA/Y4
7
RINB/Y5
8
CVINFB/Y3
4
CVINU/Y1
2
SYNCIN
SYNCOUT
SWAP CVF SWAP CVU
A/B MUX
GNDO
VCCORGB VCCOCV
VCC
GND
ML6427
MASTER
COMPOSITE
VIDEO OUT
CVOUT1/YOUTA
21
H SYNC OUT
S-VIDEO
OUT
CHROMA OUT
YL
CHROMA IN
Y+
(80dB/DECADE ATTENUATION)
LUMA IN
1k
Ω
Y0
1k
Ω
COMPOSITE
VIDEO IN
CVOUT2/YOUTB
20
ROUT/YOUTC
18
23
24
1
13
14
19
5
17
22
6
GOUT/YOUTD
16
BOUT/COUT
15
CVINFA/Y2
3
GINA/Y6
9
GINB/Y7
10
BINA/C1
11
BINB/C2
12
RINA/Y4
7
RINB/Y5
8
CVINFB/Y3
4
CVINU/Y1
2
SYNCIN
SYNCOUT
SWAP CVF SWAP CVU
A/B MUX
GNDO
VCCORGB VCCOCV
VCC
GND
ML6427
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com