Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6427CS Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML6427CS
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427CS Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML6427CS Datasheet HTML 5Page - Micro Linear Corporation ML6427CS Datasheet HTML 6Page - Micro Linear Corporation ML6427CS Datasheet HTML 7Page - Micro Linear Corporation ML6427CS Datasheet HTML 8Page - Micro Linear Corporation ML6427CS Datasheet HTML 9Page - Micro Linear Corporation ML6427CS Datasheet HTML 10Page - Micro Linear Corporation ML6427CS Datasheet HTML 11Page - Micro Linear Corporation ML6427CS Datasheet HTML 12Page - Micro Linear Corporation ML6427CS Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ML6427
9
INPUTS
Bank A:
RGB, CV filtered path
Bank B:
RGB, CV filtered path
Other:
CV unfiltered path, Sync IN (slave mode)
Figure 4. Basic Application for NTSC
OUTPUTS
Option 1: 2 CV outputs + 2 TV modulator outputs, 1 RGB output
Option 2: 2 CV outputs + 1 TV modulator output, 1 S-video output
Other:
Sync output (buffered stripped sync)
Figure 5. EVC (Enhanced Video Connector) Application: S-Video, Composite, plus H-Sync out
CVOUT1/YOUTA
21
H SYNC OUT
S-VIDEO
OUT
CHROMA
OUT
CHROMA IN
LUMA
OUT
LUMA IN
COMPOSITE
VIDEO OUT
TO EVC
CONNECTOR
COMPOSITE
VIDEO IN
CVOUT2/YOUTB
20
ROUT/YOUTC
18
23
24
1
13
14
19
5
17
22
6
GOUT/YOUTD
16
BOUT/COUT
15
CVINFA/Y2
3
GINA/Y6
9
GINB/Y7
10
BINA/C1
11
BINB/C2
12
RINA/Y4
7
RINB/Y5
8
CVINFB/Y3
4
CVINU/Y1
2
SYNCIN
SYNCOUT
SWAP CVF SWAP CVU
A/B MUX
GNDO
VCCORGB VCCOCV
VCC
GND
ML6427
MASTER
220µF
VIDEO CABLES
75
Ω
CV/Y
MODULATOR
220µF
75
Ω
R/Y
220µF
75
Ω
G/Y
220µF
75
Ω
B/C
H SYNC OUT
OPTIONAL FOR DC COUPLED APPLICATIONS
220µF
75
Ω
CV/Y
MODULATOR
CVOUT1/YOUTA
21
CVOUT2/YOUTB
20
ROUT/YOUTC
18
23
24
1
13
14
19
5
17
22
6
GOUT/YOUTD
16
BOUT/COUT
15
CVINFA/Y2
3
GINA/Y6
9
GINB/Y7
10
BINA/C1
11
BINB/C2
12
RINA/Y4
7
RINB/Y5
8
CVINFB/Y3
4
CVINU/Y1
2
SYNCIN
SYNCOUT
SWAP CVF SWAP CVU
A/B MUX
GNDO
VCCORGB VCCOCV
VCC
GND
ML6427
TYPICAL APPLICATIONS (Continued)
USING THE ML6427 FOR PAL APPLICATIONS
The ML6427 can be optimized for PAL video by adding
frequency peaking to the composite and S-video outputs.
Figure 10 illustrates the use of an additional external
capacitor (330pF) in parallel with the output source
termination resistor. This raises the frequency response
from 1.6dB at 4.8MHz to 0.35dB at 4.8MHz, which
allows for accurate reproduction of the upper sideband of
the PAL subcarrier. Figure 11 shows the frequency
response of PAL video with various values of peaking
capacitors (220pF, 270pF, 330pF and none) between 0 and
10MHz.
For NTSC applications without the peaking capacitor the
rejection at 27MHz is 42dB (typical). For PAL applications
with the peaking capacitor the rejection at 27MHz is 38dB
(typical). See Figure 12. The differential group delay,
shown in Figure 13 with and without a peaking capacitor
(220pF, 270pF, and 330pF and none), varies slightly with
capacitance from 8ns to 13ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com