Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6427CS Datasheet(PDF) 16 Page - Micro Linear Corporation

Part # ML6427CS
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427CS Datasheet(HTML) 16 Page - Micro Linear Corporation

Back Button ML6427CS Datasheet HTML 8Page - Micro Linear Corporation ML6427CS Datasheet HTML 9Page - Micro Linear Corporation ML6427CS Datasheet HTML 10Page - Micro Linear Corporation ML6427CS Datasheet HTML 11Page - Micro Linear Corporation ML6427CS Datasheet HTML 12Page - Micro Linear Corporation ML6427CS Datasheet HTML 13Page - Micro Linear Corporation ML6427CS Datasheet HTML 14Page - Micro Linear Corporation ML6427CS Datasheet HTML 15Page - Micro Linear Corporation ML6427CS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ML6427
16
© Micro Linear 1999.
is a registered trademark of Micro Linear Corporation. All other trademarks are the
property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483;
5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959;
5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455;
5,811,999; 5,818,207; 5,818,669; 5,825,165; 5,825,223; 5,838,723; 5.844,378; 5,844,941. Japan: 2,598,946; 2,619,299; 2,704,176; 2,821,714. Other
patents are pending.
Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves
the right to makes changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise,
to any patents or other intellectual property rights is granted by this document. The circuits contained in this document are offered as possible applications
only. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to
perform its own engineering review before deciding on a particular application. Micro Linear assumes no liability whatsoever, and disclaims any express
or implied warranty, relating to sale and/or use of Micro Linear products including liability or warranties relating to merchantability, fitness for a particular
purpose, or infringement of any intellectual property right. Micro Linear products are not designed for use in medical, life saving, or life sustaining
applications.
DS6427-01
PHYSICAL DIMENSIONS inches (millimeters)
Micro Linear Corporation
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.600 - 0.614
(15.24 - 15.60)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
24
0.009 - 0.013
(0.22 - 0.33)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S24
24-Pin SOIC
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML6427CS
0°C to 70°C
24 Pin SOIC (S24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com