Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0202AT Datasheet(PDF) 49 Page - ON Semiconductor

Part # AP0202AT
Description  High-Dynamic Range Image Signal Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0202AT Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AP0202AT Datasheet HTML 45Page - ON Semiconductor AP0202AT Datasheet HTML 46Page - ON Semiconductor AP0202AT Datasheet HTML 47Page - ON Semiconductor AP0202AT Datasheet HTML 48Page - ON Semiconductor AP0202AT Datasheet HTML 49Page - ON Semiconductor AP0202AT Datasheet HTML 50Page - ON Semiconductor AP0202AT Datasheet HTML 51Page - ON Semiconductor AP0202AT Datasheet HTML 52Page - ON Semiconductor AP0202AT Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
AP0202AT/D Rev. 4, Pub. 9/15 EN
49
©Semiconductor Components Industries, LLC, 2015.
AP0202AT: Image Signal Processor (ISP)
Specifications
Advance
Table 33:
Operating Current Consumption
Default Setup Conditions: fEXTCLK = 27 MHz, VDD_REG=1.8V; VDDIO_H not included in measurement
VDDIO_S= 1.8V, VDDIO_OTPM=2.5V, VDD_PHY=2.5V, TA =105°C unless otherwise stated
Symbol
Input Data from Sensor
Min
Typ
Max
Unit
VDD_REG
YCbCr
85
108
mA
VDDIO_S
YCbCr
3.0
4.0
mA
VDDIO_OTPM
YCbCr
0.2
0.3
mA
VDD_PHY
YCbCr
0.2
0.3
mA
Total Power Consumption
YCbCr
159
202
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com