Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0202AT Datasheet(PDF) 13 Page - ON Semiconductor

Part # AP0202AT
Description  High-Dynamic Range Image Signal Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0202AT Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AP0202AT Datasheet HTML 9Page - ON Semiconductor AP0202AT Datasheet HTML 10Page - ON Semiconductor AP0202AT Datasheet HTML 11Page - ON Semiconductor AP0202AT Datasheet HTML 12Page - ON Semiconductor AP0202AT Datasheet HTML 13Page - ON Semiconductor AP0202AT Datasheet HTML 14Page - ON Semiconductor AP0202AT Datasheet HTML 15Page - ON Semiconductor AP0202AT Datasheet HTML 16Page - ON Semiconductor AP0202AT Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
AP0202AT/D Rev. 4, Pub. 9/15 EN
13
©Semiconductor Components Industries, LLC, 2015.
AP0202AT: Image Signal Processor (ISP)
On-Chip Regulator
Advance
On-Chip Regulator
The AP0202AT has an on-chip regulator, the output from the regulator is 1.2V and should
only be used to power up the AP0202AT. It is possible to bypass the regulator and provide
power to the relevant pins that need 1.2V. The following table summarizes the key
signals when using/bypassing the regulator.
Power-Up Sequence
Powering up the AP0202AT requires voltages to be applied in a particular order, as seen
in Figure 5. The timing requirements are shown in Table 6. The AP0202AT includes a
power-on reset feature that initiates a reset upon power up.
Figure 5:
Power-Up and Power-Down Sequence
Note:
1. When using XTAL the settling time should be taken into account.
2. RESET_BAR can be either high or low at power-up
Table 5:
Key Signals When Using the Regulator
Signal Name
Internal Regulator
External Regulator
VDD_REG
1.8V
Connect to VDDIO_H
ENLDO
Connect to 1.8V (VDD_REG)
GND
FB_SENSE
1.2V (input)
Float
LDO_OP
1.2V (output)
Float
EXT_REG
GND
Connect to VDDIO_H
VDDIO_H
VDD_REG
t3
t5
EXTCLK
SCLK
t4
SDATA
t1
t2
t7
t6
VDDIO_S, VDDIO_OTPM,
VDD_PHY (when using HiSPi)
dv/dt
dv/dt
dv/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com