Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0202AT Datasheet(PDF) 9 Page - ON Semiconductor

Part # AP0202AT
Description  High-Dynamic Range Image Signal Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0202AT Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AP0202AT Datasheet HTML 5Page - ON Semiconductor AP0202AT Datasheet HTML 6Page - ON Semiconductor AP0202AT Datasheet HTML 7Page - ON Semiconductor AP0202AT Datasheet HTML 8Page - ON Semiconductor AP0202AT Datasheet HTML 9Page - ON Semiconductor AP0202AT Datasheet HTML 10Page - ON Semiconductor AP0202AT Datasheet HTML 11Page - ON Semiconductor AP0202AT Datasheet HTML 12Page - ON Semiconductor AP0202AT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
AP0202AT/D Rev. 4, Pub. 9/15 EN
9
©Semiconductor Components Industries, LLC, 2015.
AP0202AT: Image Signal Processor (ISP)
System Interfaces
Advance
2. ON Semiconductor recommends a 1.5kresistor value for the two-wire serial interface RPULL-UP;
however, greater values may be used for slower transmission speed.
3. RESET_BAR has an internal pull-up resistor and can be left floating if not used.
4. The decoupling capacitors for the regulator input and output should have a value of 1.0uF. The
capacitors should be ceramic and need to have X5R or X7R dielectric.
5. TEST and RESERVED_[1:0] connect to GND for normal operation.
6. ON Semiconductor recommends that 0.1F and 1F decoupling capacitors for each power supply
are mounted as close as possible to the pin. Actual values and numbers may vary depending on lay-
out and design consideration.
7. The diagram is showing Legacy mode. If Crossbar is used, the 27 parallel outputs can be assigned to
any pin. Refer to crossbar section for more details.
HiSPi and Parallel Connection
When using the HiSPi interface, connect the parallel interface to VDDIO_S.
When using the parallel interface, it is recommended for the HiSPi interface to be
connected to ground, and the power supply (VDD_PHY) to be connected to +2.8V.
Floating these pins is allowed as well.
Crystal Usage
As an alternative to using an external oscillator, a crystal may be connected between
EXTCLK and XTAL. Two small loading capacitors and a feedback resistor should be
added, as shown in Figure 4.
For applications above 85°C, ON Semiconductor does not recommend using the crystal
option. A crystal oscillator with temperature compensation is recommended for appli-
cations that require this.
Figure 4:
Using a Crystal Instead of an External Oscillator
Rf represents the feedback resistor, an Rf value of 1M is sufficient for AP0202AT. C1 and
C2 are decided according to the crystal or resonator CL specification. In the steady state
of oscillation, CL is defined as (C1 x C2)/(C1+C2). In fact, the I/O ports, the bond pad,
package pin and PCB traces all contribute the parasitic capacitance to C1 and C2. There-
fore, CL can be rewritten to be (C1* x C2*)/(C1*+C2*), where C1*=(C1+CIN, STRAY) and
EXTCLK
XTAL
AP0202AT
C1
C2
Rf=1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com