Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0202AT Datasheet(PDF) 39 Page - ON Semiconductor

Part # AP0202AT
Description  High-Dynamic Range Image Signal Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0202AT Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AP0202AT Datasheet HTML 35Page - ON Semiconductor AP0202AT Datasheet HTML 36Page - ON Semiconductor AP0202AT Datasheet HTML 37Page - ON Semiconductor AP0202AT Datasheet HTML 38Page - ON Semiconductor AP0202AT Datasheet HTML 39Page - ON Semiconductor AP0202AT Datasheet HTML 40Page - ON Semiconductor AP0202AT Datasheet HTML 41Page - ON Semiconductor AP0202AT Datasheet HTML 42Page - ON Semiconductor AP0202AT Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
AP0202AT/D Rev. 4, Pub. 9/15 EN
39
©Semiconductor Components Industries, LLC, 2015.
AP0202AT: Image Signal Processor (ISP)
Slave Two-Wire Serial Interface (CCIS)
Advance
Slave Two-Wire Serial Interface (CCIS)
The two-wire slave serial interface bus enables read/write access to control and status
registers within the AP0202AT.
The interface protocol uses a master/slave model in which a master controls one or
more slave devices.
Protocol
Data transfers on the two-wire serial interface bus are performed by a sequence of
low-level protocol elements, as follows:
• a start or restart condition
• a slave address/data direction byte
• a 16-bit register address
• an acknowledge or a no-acknowledge bit
•data bytes
• a stop condition
The bus is idle when both SCLK and SDATA are HIGH. Control of the bus is initiated with a
start condition, and the bus is released with a stop condition. Only the master can
generate the start and stop conditions.
The SADDR pin is used to select between two different addresses in case of conflict with
another device. If SADDR is LOW, the slave address is 0x90; if SADDR is HIGH, the slave
address is 0xBA. See Table 22 below. The user can change the slave address by changing a
register value.
Start Condition
A start condition is defined as a HIGH-to-LOW transition on SDATA while SCLK is HIGH.
At the end of a transfer, the master can generate a start condition without previously
generating a stop condition; this is known as a “repeated start” or “restart” condition.
Data Transfer
Data is transferred serially, 8 bits at a time, with the MSB transmitted first. Each byte of
data is followed by an acknowledge bit or a no-acknowledge bit. This data transfer
mechanism is used for the slave address/data direction byte and for message bytes. One
data bit is transferred during each SCLK clock period. SDATA can change when SCLK is low
and must be stable while SCLK is HIGH.
Table 22:
Two-Wire Interface ID Address Switching
SADDR
Two-Wire Interface Address ID
00x90
10xBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com