Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5307 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5307 Datasheet HTML 2Page - ON Semiconductor CS5307 Datasheet HTML 3Page - ON Semiconductor CS5307 Datasheet HTML 4Page - ON Semiconductor CS5307 Datasheet HTML 5Page - ON Semiconductor CS5307 Datasheet HTML 6Page - ON Semiconductor CS5307 Datasheet HTML 7Page - ON Semiconductor CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor CS5307 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CS5307
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEx = 100 pF,
CCOMP = 0.01μF, CSS = 0.1μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, VOCSET = 0.54 V, DAC Code 01110; unless otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Gates
Rise Time
0.8 V < GATEx < 2.0 V,
VCC = 10 V
−
5.0
20
ns
Fall Time
2.0 V > GATEx > 0.8 V,
VCC = 10 V
−
5.0
20
ns
Oscillator
Switching Frequency
ROSC = 32.4 kΩ
300
400
500
kHz
Switching Frequency
ROSC = 63.4 kΩ, Note 4
150
200
250
kHz
Switching Frequency
ROSC = 16.2 kΩ, Note 4
600
800
1000
kHz
ROSC Voltage
0.90
1.00
1.10
V
Phase Delay
−
75
90
105
deg
Adaptive Voltage Positioning
VDRP Output Voltage to
DACOUT Offset
CSx = CSREF, VFB = COMP,
Measure VDRP − COMP
−5.0
0
5.0
mV
Maximum VDRP Voltage
CSx − CSREF = 50 mV,
VFB = COMP, TA = 25°C,
Measure VDRP − COMP
500
555
610
mV
Current Sense Input
to VDRP Gain
CSx − CSREF = 50 mV,
VFB = COMP, TA = 25°C,
Measure VDRP − COMP
2.5
2.78
3.05
V/V
Temperature Coefficient
of VDRP Gain
(V@temp * V@room) @ 106
DT @ V@room
−
−685
−
ppm/°C
VDRP Source Current Limit
CSx − CSREF = 50 mV,
VFB = COMP, Measure VDRP −
COMP VDRP = 1.5 V
1.0
7.0
14
mA
Soft Start
SS Source Current
VCC = 10 V
130
160
200
μA
SS Sink Current
VCC = 7.0 V
4.0
5.0
6.25
μA
SS Min Threshold
VCC = 10 V
0.25
0.3
0.35
V
SS Max Threshold
VCC = 10 V
2.4
2.7
−
V
SS Source/Sink Ratio
−
20
32
48
−
SS COMP Pull Down Current
VCC = 10 V
200
900
3000
μA
Current Sense Amplifiers
CSREF Input Bias Current
CSREF = CSx = 0 V
−
3.4
4.0
μA
CSx Input Bias Current
CSREF = CSx = 0 V
−
0.1
1.0
μA
Sense Amp Gain
CSREF = 0 V, CSx = 0.05 V,
Measure V(COMP) when GATEx
switches high
−
2.65
−
V/V
Common Mode Input Range
Note 4
0
−
2.0
V
Bandwidth
−
−
7.0
−
MHz
Single Phase Pulse by Pulse
Current Limit
VFB = CSREF = 0.5 V, COMP =
2.0 V, Measure CSx − CSREF
when GATEx goes low
75
85
100
mV
4. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com