Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5307 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor CS5307 Datasheet HTML 10Page - ON Semiconductor CS5307 Datasheet HTML 11Page - ON Semiconductor CS5307 Datasheet HTML 12Page - ON Semiconductor CS5307 Datasheet HTML 13Page - ON Semiconductor CS5307 Datasheet HTML 14Page - ON Semiconductor CS5307 Datasheet HTML 15Page - ON Semiconductor CS5307 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
CS5307
http://onsemi.com
12
Enhanced V2 responds to disturbances in VCORE by
employing both “slow” and “fast” voltage regulation. The
internal error amplifier performs the slow regulation.
Depending on the gain and frequency compensation set by
the amplifier’s external components, the error amplifier will
typically begin to ramp its output to react to changes in the
output voltage in one or two PWM cycles. Fast voltage
feedback is implemented by a direct connection from Vcore
to the non−inverting pin of the PWM comparator via the
summation with the inductor current, internal ramp and
offset. A rapid increase in output current will produce a
negative offset at Vcore and at the output of the summer.
This will cause the PWM duty cycle to increase almost
instantly. Fast feedback will typically adjust the PWM duty
cycle in one PWM cycle.
As shown in Figure 14, an internal ramp (nominally 115 mV
at a 50% duty cycle) is added to the inductor current ramp
at the positive terminal of the PWM comparator. This
additional ramp compensates for propagation time delays
from the current sense amplifier (CSA), the PWM
comparator and the MOSFET gate drivers. As a result, the
minimum ON time of the controller is reduced and lower
duty−cycles may be achieved at higher frequencies. Also,
the additional ramp reduces the reliance on the inductor
current ramp and allows greater flexibility when choosing
the output inductor and the RCSxCCSx time constant of the
feedback components from VCORE to the CSx pin.
Including both current and voltage information in the
feedback signal allows the open loop output impedance of
the power stage to be controlled. When the average output
current is zero, the COMP pin will be:
VCOMP + VOUT @0 A ) Channel_Startup_Offset
) Int_Ramp ) GCSA @ Ext_Ramp 2
Int_Ramp is the “partial” internal ramp value at the
corresponding duty cycle, Ext_Ramp is the peak−to−peak
external steady−state ramp at 0 A, GCSA is the current sense
amplifier gain (nominally 2.65 V/V) and the channel startup
offset is typically 0.60 V. The magnitude of the Ext_Ramp
can be calculated from:
Ext_Ramp + D @ (VIN * VOUT) (RCSx @ CCSx @ fSW)
For example, if VOUT at 0 A is set to 1.700 V with AVP
and the input voltage is 12.0 V, the duty cycle (D) will be
1.700/12.0 or 14.2%. Int_Ramp will be 115 mV/50% ⋅ 14.2%
= 33 mV. Realistic values for RCSx, CCSx and fSW are 10 kΩ,
0.015 μF and 650 kHz. Using these and the previously
mentioned formula, Ext_Ramp will be 15.0 mV.
VCOMP + 1.700 V ) 0.60 V ) 33 mV
) 2.65 V V @ 15.0 mV 2
+ 2.353 Vdc.
If the COMP pin is held steady and the inductor current
changes, there must also be a change in the output voltage.
Or, in a closed loop configuration when the output current
changes, the COMP pin must move to keep the same output
voltage. The required change in the output voltage or COMP
pin depends on the scaling of the current feedback signal and
is calculated as:
DV + RS @ GCSA @ DIOUT
The single−phase power stage output impedance is:
Single Stage Impedance + DVOUT DIOUT+RS @ GCSA
The total output impedance will be the single stage
impedance divided by 4.
The output impedance of the power stage determines how
the converter will respond during the first few microseconds
of a transient before the feedback loop has repositioned the
COMP pin.
The peak output current can be calculated from:
IOUT,PEAK + (VCOMP * VOUT * Offset) (RS @ GCSA)
Figure 15 shows the step response of the COMP pin at a
fixed level. Before T1, the converter is in normal
steady−state operation. The inductor current provides a
portion of the PWM ramp through the current sense
amplifier. The PWM cycle ends when the sum of the current
ramp, the “partial” internal ramp voltage signal and offset
exceed the level of the COMP pin. At T1, the output current
increases and the output voltage sags. The next PWM cycle
begins and the cycle continues longer than previously while
the current signal increases enough to make up for the lower
voltage at the VFB pin and the cycle ends at T2. After T2, the
output voltage remains lower than at light load and the
average current signal level (CSx output) is raised so that the
sum of the current and voltage signal is the same as with the
original load. In a closed loop system, the COMP pin would
move higher to restore the output voltage to the original
level.
SWNODE
VFB (VOUT)
Internal Ramp
CSA Out w/
Exaggerated
Delays
COMP−Offset
CSA Out + Ramp + CSREF
T1
T2
Figure 15. Open Loop Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com