Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5307 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS5307 Datasheet HTML 6Page - ON Semiconductor CS5307 Datasheet HTML 7Page - ON Semiconductor CS5307 Datasheet HTML 8Page - ON Semiconductor CS5307 Datasheet HTML 9Page - ON Semiconductor CS5307 Datasheet HTML 10Page - ON Semiconductor CS5307 Datasheet HTML 11Page - ON Semiconductor CS5307 Datasheet HTML 12Page - ON Semiconductor CS5307 Datasheet HTML 13Page - ON Semiconductor CS5307 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CS5307
http://onsemi.com
10
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Sense Amp Gains vs. Temperature
Figure 10. Power Good Delay vs. Temperature
Figure 11. VDRP to DAC Output Offset Voltage
vs. Temperature
Figure 12. VDRP Source Current vs. Temperature
Figure 13. VFB Bias Currents vs. Temperature
(ROSC = 32.4 kW)
0
2.2
TA (°C)
2.3
2.4
2.5
2.6
2.7
2.8
2.9
20
40
60
80
100
120
Current Sense Amp
to OC Comparator
Current Sense Amp
to VDRP Gain
Current Sense Amp
to PWM Comparator
0
−0.8
TA (°C)
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
20
40
60
80
100
120
−0.7
−0.6
−0.5
−0.4
0
−3.80
TA (°C)
−3.75
−3.70
−3.65
−3.60
−3.55
20
40
60
80
100
120
0
10.18
TA (°C)
10.20
10.22
10.24
10.26
10.28
10.30
20
40
60
80
100
120
VFB = 1.9 V
VFB = 1.0 V
0.60
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0.65
0
TA (°C)
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com