Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5307 Datasheet(PDF) 14 Page - ON Semiconductor

Part # CS5307
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CS5307 Datasheet HTML 10Page - ON Semiconductor CS5307 Datasheet HTML 11Page - ON Semiconductor CS5307 Datasheet HTML 12Page - ON Semiconductor CS5307 Datasheet HTML 13Page - ON Semiconductor CS5307 Datasheet HTML 14Page - ON Semiconductor CS5307 Datasheet HTML 15Page - ON Semiconductor CS5307 Datasheet HTML 16Page - ON Semiconductor CS5307 Datasheet HTML 17Page - ON Semiconductor CS5307 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
CS5307
http://onsemi.com
14
Due to the faster than ideal RC time constant, there is an
overshoot of 50% and the overshoot decays with a 200 μs
time constant. With this compensation, the OCSET pin
threshold must be set more than 50% above the full load
current to avoid triggering current limit during a large output
load step.
Transient Response and Adaptive Voltage Positioning
For applications with fast transient currents, the output
filter is frequently sized larger than ripple currents require in
order to reduce voltage excursions during load transients.
Adaptive voltage positioning can reduce peak−peak output
voltage deviations during load transients and allow for a
smaller output filter. The output voltage can be set higher
than nominal at light loads to reduce output voltage sag
when the load current is applied. Similarly, the output
voltage can be set lower than nominal during heavy loads to
reduce overshoot when the load current is removed. For low
current applications, a droop resistor can provide fast,
accurate adaptive positioning. However, at high currents,
the loss in a droop resistor becomes excessive. For example,
a 50 A converter with a 1 mΩ resistor would provide a 50
mV change in output voltage between no load and full load
and would dissipate 2.5 W.
Lossless adaptive voltage positioning (AVP) is an
alternative to using a droop resistor, but it must respond to
changes in load current. Figure 18 shows how AVP works.
The waveform labeled “normal” shows a converter without
AVP. On the left, the output voltage sags when the output
current is stepped up and later overshoots when current is
stepped back down. With fast (ideal) AVP, the peak−to−peak
excursions are cut in half. In the slow AVP waveform, the
output voltage is not repositioned quickly enough after
current is stepped up and the upper limit is exceeded.
The controller can be configured to adjust the output
voltage based on the output current of the converter. (Refer
to the application diagram in Figure 1). To set the no−load
positioning, a resistor is placed between the output voltage
and VFB pin. The VFB bias current will develop a voltage
across the resistor to adjust the no−load output voltage. The
VFB bias current is dependent on the value of ROSC as shown
in the datasheets.
During no−load conditions, the VDRP pin is at the same
voltage as the VFB pin, so none of the VFB bias current flows
through the VDRP resistor. When output current increases,
the VDRP pin voltage increases proportionally. Current set
by the VDRP resistor offsets the VFB bias current, causing the
output voltage to decrease.
The response during the first few microseconds of a load
transient is controlled primarily by power stage output
impedance, and by the ESR and ESL of the output filter. The
transition between fast and slow positioning is controlled by
the total ramp size and the error amp compensation. If the
ramp size is too large or the error amp too slow, there will be
a long transition to the final voltage after a transient. This
will be most apparent with low capacitance output filters.
Figure 17. Inductive Sensing Waveform During a
Load Step with Fast RC Time Constant (50 μs/div)
Adaptive Positioning
Adaptive Positioning
Normal
Fast
Slow
Limits
Figure 18. Adaptive Voltage Positioning
Overvoltage Protection
Overvoltage protection (OVP) is provided as a result of
the normal operation of the Enhanced V2 control topology
with synchronous rectifiers. The control loop responds to an
overvoltage condition within 40 ns, causing the GATEx
output to shut off. The (external) MOSFET driver should
react normally to turn off the top MOSFET and turn on the
bottom MOSFET. This results in a “crowbar” action to
clamp the output voltage and prevent damage to the load.
The regulator will remain in this state until the overvoltage
condition ends or the input voltage is pulled low.
Power Good
According to the latest specifications, the Power Good
(PWRGD) signal must be asserted when the output voltage
is within a window defined by the VID code, as shown in
Figure 19.
The PWRGDS pin is provided to allow the PWRGD
comparators to accurately sense the output voltage. The
effect of the PWRGD lower threshold can be modified using
a resistor divider from the output to PWRGDS to ground, as
shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com