Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE712E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE712E
Description  5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE712E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE712E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE712E
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
2
Packaging Type
DFN3X3-12
PIN DESCRIPTION
PIN #
NAME
DESCRIPTION
1
IN
Input pin. Bypass IN to GND with a 10uF or greater ceramic capacitor.
2
D+/D-
Connected to the D+ and D- line of USB connect,
provide
the correct voltage with
attached portable equipment for USB Dedicated Charging Port (DCP) Emulator.
3
EN
Enable pin for the IC. Drive this pin high to enable the IC, low or floating to disable.
4,5,6
SW
Switching node of the Switching Regulator. Connect a 1uH to 2.2uH inductor
between IN and SW pin.
7,8,9
OUT
Output pin. Bypass with a 22uFx2 or larger ceramic capacitor closely between this
pin and ground.
10,11
PGND
Power ground pin.
12
AGND
Analog ground pin
Ordering information
ACE712E XX + H
Pb - free
NC12 : DFN3X3-12
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com