Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE712E Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE712E
Description  5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE712E Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE712E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACE712E
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
6
APPLICATION INFORMATION
Loop Operation
The ACE712E is a wide input range, high-efficiency, DC/DC step up switching regulator, integrated with a
70mΩ Low Side Main MOSFET and 40mΩ synchronous MOSFET. It uses a PWM current-mode control
scheme. An error amplifier integrates error between the FB signal and the internal reference voltage. The
output of the integrator is then compared to the sum of a current-sense signal and the slope
compensation ramp. This operation generates a PWM signal that modulates the duty cycle of the power
MOSFETs to achieve regulation for output voltage.
The output voltage is fixed to be 5V by internal resistor as an available USB host ports power source. The
peak current of the NMOS switch is also sensed to limit the maximum current flowing through the switch
and the inductor. The typical peak current limit is set to 5A. An internal temperature sensor prevents the
device from getting overheated in case of excessive power dissipation.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC/DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to
the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore
very low. ACE712E employs a proprietary control scheme that improves
efficiency in this situation by enabling the device into a power saving mode during light load, thereby
extending the range of high efficiency operation.
Short-Circuit Protection
Unlike most step-up converters, the ACE712E allows for short circuits on the output. In the event of a
short circuit, the device first turns off the NMOS when
the sensed current reaches the current limit. After
VOUT drops
below VIN the device then enters a linear charge period with the current limited same as
with the start-up period. In addition, the thermal shutdown circuits disable switching if the die temperature
rises above 150°C.
Down Mode (VIN>VOUT) Operation
The ACE712E will continue to supply the output voltage even when the input voltage exceeds the output
voltage. Since the PMOS no longer acts as a low-impedance switch in this mode, power dissipation
increases
within the IC to cause a sharp drop in efficiency. Limit the maximum output current to maintain
an acceptable junction temperature.
USB Dedicated Charging Port (DCP) Emulator
The D+/D- is a dedicated charging port emulator, used for the charging of most popular mobile phones
and tablet PCs. An auto-detect feature monitors USB data line voltage, and automatically provides the
correct electrical signatures on the data lines (D+ and D-) to charge compliant
devices.
A DCP only
provides
power
and does not provide data connection to an upstream port. A DCP is identified by the
electrical characteristics of its data line. It integrate an auto-detect feature to support divider mode and
Samsung mode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com