Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE712E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE712E
Description  5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE712E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE712E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE712E
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
4
Electrical Characteristics
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25oC.)
Parameter
Conditions
Min
Typ
Max
Units
IQ
Quiescent current at VIN
VIN =3.6V, VOUT =5.5V,
Device not switching
6
10
uA
Quiescent current at VOUT
VIN =3.6V, VOUT =5.5V,
Device not switching
120
150
uA
Shutdown Supply Current at VIN
VIN =3.6V, VEN =GND
6
10
uA
VIN UVLO at Rising
3.1
V
VIN UVLO at Falling
2.6
V
VOUT
Output Voltage
4.90
5.03
5.15
V
Low Side Main FET RDSON
VOUT =5V
70
mΩ
Synchronous FET RDSON
VOUT =5V
40
mΩ
Switch Frequency
1
MHZ
Main FET Current Limit
5
A
SW Leakage Current
Vout=5V, Vsw=0 or 5V,
VEN=GND
-1
0
1
uA
EN Input Current
VEN=3V
1.5
uA
EN logic high voltage
VIN=3.6V, Rising
1.6
V
EN logic low voltage
Falling
0.6
V
RD_PAD1
D+/D- output impedance
at Divider Mode
28
39
50
kΩ
RD_PAD2
D+/D- output
impedance
at Samsung Mode
9
13
17
kΩ
Thermal Shutdown
Rising, Hysteresis=20°C
150
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com