Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE712E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE712E
Description  5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE712E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE712E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE712E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE712E
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
1
Description
ACE712E is an ACE Solutions’ high efficiency, high frequency synchronous Step-Up converter, capable
of delivering output current up to 2A at a 5V output from input as low as 3.3V. With a
low
Rdson
Power MOS and
a
built-in synchronous rectifier, its efficiency can be as high as 90% at a 5V/2A load.
This greatly minimizes power dissipation and reduces heat on the IC, making it ideal for applications that
require small board space and have stringent temperature constraints, such as power banks and mobile
devices. ACE712E also integrates an USB emulator that provides correct electrical signature on the
D+/D- for charging compliant devices. ACE712E also incorporates ACE Solutions True-Shutoff ○
R
technology that protects against overload and short-circuit conditions. All of these features are integrated
in a tiny DFN3x3-12 package. With 1MHz switching frequency, small external input and output capacitors
and inductor can be used.
Features
• Up to 97% Energy Converting Efficiency
• Up to 2A output current at 5V output, 3.3V input
• Dedicated Charging Port (DCP) emulator with BC1.2 compliant
• True Shut off during shutdown and output short- circuit protection
• Thermal Shutdown
• DFN3x3-12
Applications
• Power Bank
• Mobile 3G/4G WLAN
• Mobile Bluetooth music player and speaker
Absolute Maximum Ratings
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.)
All Pins Voltage.........................................................…....……….…–0.3V to 5.5V
Operating Temperature Range …………………........…………….…–40°C to 85°
Storage Temperature Range ……………………………………….–55°C to 150°C
Thermal Resistance
θJC
θ JA
DFN3X3-12…………………………………………3……………….48 ...........°C/W
Lead Temperature (Soldering, 10ssec) …………………………………….…260°C
ESD HBM (Human Body Mode) …………….………………..……..……….….2KV
ESD MM (Machine Mode) ……………………..…………………..…………...200V


Similar Part No. - ACE712E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
More results

Similar Description - ACE712E

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
EV3414A-J-00A MPS-EV3414A-J-00A Datasheet
582Kb / 7P
3A, 1MHz Synchronous Step-Up Converter with Output Disconnect Evaluation Board
EV3415-G-00A MPS-EV3415-G-00A Datasheet
477Kb / 7P
3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA1087 ETA-ETA1087 Datasheet
190Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1088 ETA-ETA1088 Datasheet
190Kb / 1P
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1089 ETA-ETA1089 Datasheet
189Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com