Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE719E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE719E
Description  3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE719E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE719E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE719E
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
with Real-Shutdown and Short-Circuit Protection
VER 1.2
2
Absolute Maximum Ratings
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.)
Parameter
Value
SW Voltage
-0.3V~5.5V
All Other PIN Voltages
-0.3V~5V
SW to ground current
Internally limited
Operating Temperature Range
-40℃~85℃
Storage Temperature Range
-55℃~150℃
Thermal Resistance
DFN2x2-6
Θ
JA
Θ
JC
80
30
℃/W
Packaging Type
DFN2x2-6
PIN #
NAME
DESCRIPTION
1
EN
Enable pin for the IC. Drive this pin high to enable the part, low to disable.
2
FB
Feedback Input. Connect an external resistor divider from the output to FB
and GND to set VOUT
3
OUT
Output pin. Bypass with a 22μF or larger ceramic capacitor closely between
this pin and GND
4
GND
Ground Pin
5
SW
Inductor Connection.Connect an inductor Between SW and the regulator
output.
6
IN
Input Supply Voltage. Bypass with a 4.7μF ceramic capacitor to GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com