Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE719E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE719E
Description  3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE719E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE719E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE719E
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
with Real-Shutdown and Short-Circuit Protection
VER 1.2
1
Description
The ACE719E is a high efficiency synchronous step-up converter that can provide up to 3W of power to
a boosted output from a low voltage source. Unlike most step-up converter, not only it starts up at a very
low input voltage as low as 0.85V, it also incorporates circuits that disconnect the input from output,
during shutdown, short-circuit, output current overloading, or other events when output is higher than
the input. This eliminates the need for an external MOSFET and its control circuitry to disconnect the input
from output, and provides robust output overload protection.
The ACE719E starts up from a voltage as low as 0.85V making it ideal for applications with single-cell or
two-cell alkaline, NiCd, and NiMh batteries. A switching frequency of 2MHz minimizes solution footprint by
allowing the use of tiny and low profile inductors and ceramic capacitors. An internal synchronous
MOSFET provides highest efficiency and with a current mode control that is internally compensated,
external parts count is reduced to minimal.
Features
 Output Disconnect
 Short-circuit Protection
 3W Output Power
 Output to Input Reversed Current Protection
 0.85V Low Start-up Voltage
 VIN range from 0.6V to 4.5V
 Up to 96% Efficiency
40μA No load IQ and light load PFM Mode
 Internal Synchronous Rectifier
 Current Mode control
 Logic Control Shutdown and Thermal shutdown
 DFN2x2-6 Package
Application
 USB OTG for MIDs, Smartphones
 Mobile back-up Battery Chargers
 Alkaline, NiCd, and NiMh batteries applications
 USB powered devices


Similar Part No. - ACE719E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
ACE711E ACE-ACE711E Datasheet
626Kb / 9P
2A, Step-Up DC - DC Regulator 20V
VER 1.2
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
More results

Similar Description - ACE719E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708 Datasheet
184Kb / 8P
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1035 ETA-ETA1035 Datasheet
203Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
ETA1036 ETA-ETA1036 Datasheet
204Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection in SOT23-5
logo
Shenzhen Huazhimei Semi...
HM6310 HMSEMI-HM6310 Datasheet
499Kb / 6P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com