Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE719E Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE719E
Description  3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE719E Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE719E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ACE719E
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
with Real-Shutdown and Short-Circuit Protection
VER 1.2
9
Packing Information
DFN2x2-6
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.02
0.05
b
0.25
0.30
0.35
c
0.18
0.20
0.25
D
1.95
2.00
2.05
D2
1.00
1.45
e
0.65BSC
Nd
1.30BSC
E
1.95
2.00
2.05
E2
0.50
0.85
L
0.25
0.30
0.40
h
0.10
0.15
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com