Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE719E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE719E
Description  3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE719E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE719E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE719E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE719E
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
with Real-Shutdown and Short-Circuit Protection
VER 1.2
4
Electrical Characteristics
(VIN = 1.8V, VOUT = 3.3V, unless otherwise specified. Typical values are at TA = 25℃.)
Parameter
Conditions
Min
Typ
Max
Units
Minimum Input Voltage
0.6
V
Startup Voltage
IOUT=0A
0.85
1.1
V
FB Feedback Voltage
VOUT =2.1 to 5V
0.582
0.6
0.618
V
FB Input Current
50
nA
Output Voltage Range
External divider
2.1
5
V
Quiescent Current at IN
VFB=0.7V
40
μA
Shutdown Supply Current at IN
VEN=GND
0.5
5
μA
Switching Frequency
VIN<4.3V
1.2
2
2.4
MHz
Maximum Duty Cycle
90
%
NMOS Switch On Resistance
ISW =100mA
0.15
0.35
Ω
PMOS Switch On Resistance
ISW =100mA
0.15
0.35
Ω
NMOS Switch Current Limit
1.2
1.5
A
Start-up Current Limit
0.5
A
Output to Input Reverse
Leakage Current
VEN=GND, Measure at IN
pin
0.1
5
μA
SW Leakage Current
VOUT=5V,VSW=0 or 5V,
VEN=GND
10
μA
EN Input Current
0.1
1
μA
EN Input Low Voltage
0.3
V
EN Input High Voltage
0.6
V
Thermal Shutdown
Rising, Hysteresis=10°C
165
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com