Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP442
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP442 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 18Page - Texas Instruments TMP442 Datasheet HTML 19Page - Texas Instruments TMP442 Datasheet HTML 20Page - Texas Instruments TMP442 Datasheet HTML 21Page - Texas Instruments TMP442 Datasheet HTML 22Page - Texas Instruments TMP442 Datasheet HTML 23Page - Texas Instruments TMP442 Datasheet HTML 24Page - Texas Instruments TMP442 Datasheet HTML 25Page - Texas Instruments TMP442 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
LAYOUT CONSIDERATIONS
V+
DXP
DXN
GND
NOTE:Useminimum5miltraceswith5milspacing.
GroundorV+layer
onbottomand/or
top,ifpossible.
1
2
3
4
8
7
6
5
TMP441
0.1mFCapacitor
V+
GND
PCBVia
DXP
DXN
A1
A0
1
2
3
4
8
7
6
5
TMP442
0.1mFCapacitor
V+
GND
PCBVia
DXP1
DXN1
DXP2
DXN2
TMP441
TMP442
SBOS425A – DECEMBER 2008 – REVISED MARCH 2009 .............................................................................................................................................. www.ti.com
Remote temperature sensing on the TMP441/42
measures
very
small
voltages
using
very
low
currents; therefore, noise at the IC inputs must be
minimized. Most applications using the TMP441/42
will have high digital content, with several clocks and
logic level transitions creating a noisy environment.
Layout should adhere to the following guidelines:
1. Place the TMP441/42 as close to the remote
junction sensor as possible.
2. Route the DXP and DXN traces next to each
other and shield them from adjacent signals
through the use of ground guard traces, as
shown in Figure 19. If a multilayer PCB is used,
bury these traces between ground or VDD planes
to shield them from extrinsic noise sources. 5 mil
(0.005
in,
or
0,127
mm)
PCB
traces
are
recommended.
3. Minimize
additional
thermocouple
junctions
Figure 19. Suggested PCB Layer Cross-Section
caused by copper-to-solder connections. If these
junctions are used, make the same number and
approximate
locations
of
copper-to-solder
connections
in
both
the
DXP
and
DXN
connections to cancel any thermocouple effects.
4. Use a 0.1
µF local bypass capacitor directly
between the V+ and GND of the TMP441/42, as
shown in Figure 20. Minimize filter capacitance
between DXP and DXN to 330pF or less for
optimum
measurement
performance.
This
capacitance
includes
any
cable
capacitance
between the remote temperature sensor and
TMP441/42.
5. If
the
connection
between
the
remote
temperature sensor and the TMP441/42 is less
than 8 in (20,32 cm) long, use a twisted-wire pair
connection. Beyond 8 in, use a twisted, shielded
pair with the shield grounded as close to the
TMP441/42 as possible. Leave the remote sensor
connection end of the shield wire open to avoid
ground loops and 60Hz pickup.
6. Thoroughly clean and remove all flux residue in
and around the pins of the TMP441/42 to avoid
temperature offset readings as a result of leakage
paths between DXP or DXN and GND, or
between DXP or DXN and V+.
Figure 20. Suggested Bypass Capacitor
Placement and Trace Shielding
22
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com