Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP442
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP442 Datasheet(HTML) 3 Page - Texas Instruments

  TMP442 Datasheet HTML 1Page - Texas Instruments TMP442 Datasheet HTML 2Page - Texas Instruments TMP442 Datasheet HTML 3Page - Texas Instruments TMP442 Datasheet HTML 4Page - Texas Instruments TMP442 Datasheet HTML 5Page - Texas Instruments TMP442 Datasheet HTML 6Page - Texas Instruments TMP442 Datasheet HTML 7Page - Texas Instruments TMP442 Datasheet HTML 8Page - Texas Instruments TMP442 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ELECTRICAL CHARACTERISTICS
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
At TA = –40°C to +125°C and VS = 2.7V to 5.5V, unless otherwise noted.
TMP441, TMP442
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
Local Temperature Sensor
TELOCAL
TA = –40°C to +125°C
±1.25
±2.5
°C
TA = 0°C to +100°C, VS = 3.3V
±0.25
±1
°C
Remote Temperature Sensor(1)
TEREMOTE
TA = 0°C to +100°C, TDIODE = –40°C to +150°C, VS = 3.3V
±0.25
±1
°C
TA = –40°C to +100°C, TDIODE = –40°C to +150°C, VS = 3.3V
±0.5
±1.5
°C
TA = –40°C to +125°C, TDIODE = –40°C to +150°C
±3
±5
°C
vs Supply (Local/Remote)
VS = 2.7V to 5.5V
0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion Time (per channel)
Local Channel
12
15
17
ms
Remote Channel
M
Beta Correction Enabled(2)
RC = 1
97
126
137
ms
RC = 0
36
47
52
ms
M
Beta Correction Disabled(3)
RC = 1
72
93
100
ms
RC = 0
33
44
47
ms
Resolution
Local Temperature Sensor
12
Bits
Remote Temperature Sensor
12
Bits
Remote Sensor Source Currents
High
Series resistance (beta correction)(4)
120
µA
Medium High
60
µA
Medium Low
12
µA
Low
6
µA
Remote Transistor Ideality Factor
η
TMP441/TMP442 optimized ideality factor
1.000(2)
1.008(3)
Beta Correction Range
β
0.1
27
SMBus INTERFACE
Logic Input High Voltage (SCL, SDA)
VIH
2.1
V
Logic Input Low Voltage (SCL, SDA)
VIL
0.8
V
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
SDA Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
Logic Input Current
0
≤ VIN ≤ 6V
–1
+1
µA
SMBus Input Capacitance (SCL, SDA)
3
pF
SMBus Clock Frequency
3.4
MHz
SMBus Timeout
25
32
35
ms
SCL Falling Edge to SDA Valid Time
1
µs
DIGITAL INPUTS
Input Capacitance
3
pF
Input Logic Levels
Input High Voltage
VIH
0.7(V+)
(V+)+0.5
V
Input Low Voltage
VIL
–0.5
0.3(V+)
V
Leakage Input Current
IIN
0V
≤ VIN ≤ VS
1
µA
(1)
Tested with less than 5
Ω effective series resistance, 100pF differential input capacitance, and an ideal diode with
η-factor = 1.008. T
A is
the ambient temperature of the TMP441/42. TDIODE is the temperature at the remote diode sensor.
(2)
Beta correction configuration set to '1000' and sensor is GND collector-connected (PNP collector to ground).
(3)
Beta correction configuration set to '0111' or sensor is diode-connected (base shorted to collector).
(4)
If beta correction is disabled ('0111'), then up to 1k
Ω of series line resistance is cancelled; if beta correction is enabled ('1xxx'), up to
300
Ω is cancelled.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com