Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP442
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP442 Datasheet(HTML) 1 Page - Texas Instruments

  TMP442 Datasheet HTML 1Page - Texas Instruments TMP442 Datasheet HTML 2Page - Texas Instruments TMP442 Datasheet HTML 3Page - Texas Instruments TMP442 Datasheet HTML 4Page - Texas Instruments TMP442 Datasheet HTML 5Page - Texas Instruments TMP442 Datasheet HTML 6Page - Texas Instruments TMP442 Datasheet HTML 7Page - Texas Instruments TMP442 Datasheet HTML 8Page - Texas Instruments TMP442 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TMP441
TMP442
+5V
1ChannelLocal
1ChannelRemote
1ChannelLocal
2ChannelsRemote
SCL
GND
SDA
V+
SMBus
Controller
8
5
7
6
DXP
DXN
A1
A0
1
2
3
4
DXP1
DXN1
DXP2
DXN2
1
2
3
4
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
±1°C TEMPERATURE SENSOR
with Automatic Beta Compensation,
Series-R, and
η-Factor in a SOT23-8
234
• SOT23-8 PACKAGE
The TMP441 and TMP442 are remote temperature
monitors with a built-in local temperature sensor.
• ±1°C REMOTE DIODE SENSOR (MAX)
Remote
temperature
sensor
diode-connected
• ±1°C LOCAL TEMPERATURE SENSOR (MAX)
transistors are typically low-cost, NPN- or PNP-type
• AUTOMATIC BETA COMPENSATION
transistors or diodes that are an integral part of
• SERIES RESISTANCE CANCELLATION
microcontrollers,
microprocessors,
or
field-programmable gate arrays (FPGAs).
• η-FACTOR CORRECTION
Remote
accuracy
is
±1°C
for
multiple
IC
• TWO-WIRE/SMBus™ SERIAL INTERFACE
manufacturers, with no calibration needed. The
• MULTIPLE INTERFACE ADDRESSES
Two-Wire serial interface accepts SMBus write byte,
• DIODE FAULT DETECTION
read byte, send byte, and receive byte commands to
• RoHS-COMPLIANT AND NO Sb/Br
configure the device.
• TRANSISTOR AND DIODE MODEL
The TMP441 has a single remote temperature
OPERATION
monitor with address pins. The TMP442 has dual
remote temperature monitors, and is available with
two different interface addresses. All versions include
automatic beta compensation (correction), series
• PROCESSOR/FPGA TEMPERATURE
resistance cancellation, programmable non-ideality
MONITORING
factor
(
η-factor),
wide
remote
temperature
• LCD/DLP®/LCOS PROJECTORS
measurement range (up to +150°C), and diode fault
• SERVERS
detection.
• CENTRAL OFFICE TELECOM EQUIPMENT
The TMP441 and TMP442 are both available in an
• STORAGE AREA NETWORKS (SAN)
8-lead, SOT23 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP442

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP442 TI2-TMP442 Datasheet
685Kb / 29P
±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
REVISED MARCH 2009
TMP442 TI2-TMP442 Datasheet
1Mb / 57P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
OCTOBER 2025
TMP442 TI2-TMP442 Datasheet
691Kb / 29P
±1°C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
REVISED MARCH 2009
TMP442 TI2-TMP442 Datasheet
1Mb / 59P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
REVISED DECEMBER 2025
TMP442 TI2-TMP442 Datasheet
1Mb / 63P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
REVISED DECEMBER 2025
More results

Similar Description - TMP442

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com