Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP442
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP442 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 13Page - Texas Instruments TMP442 Datasheet HTML 14Page - Texas Instruments TMP442 Datasheet HTML 15Page - Texas Instruments TMP442 Datasheet HTML 16Page - Texas Instruments TMP442 Datasheet HTML 17Page - Texas Instruments TMP442 Datasheet HTML 18Page - Texas Instruments TMP442 Datasheet HTML 19Page - Texas Instruments TMP442 Datasheet HTML 20Page - Texas Instruments TMP442 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
TIMING DIAGRAMS
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not
The
TMP441/42
are
Two-Wire
and
limited and is determined by the master device. The
SMBus-compatible. Figure 15 to Figure 18 describe
receiver acknowledges data transfer.
the
various
operations
on
the
TMP441/42.
Parameters for Figure 15 are defined in Table 11.
Acknowledge:
Each
receiving
device,
when
Bus definitions are:
addressed, is obliged to generate an Acknowledge
bit. A device that acknowledges must pull down the
Bus Idle: Both SDA and SCL lines remain high.
SDA line during the Acknowledge clock pulse in such
a way that the SDA line is stable low during the high
Start Data Transfer: A change in the state of the
period of the Acknowledge clock pulse. Setup and
SDA line, from high to low, while the SCL line is high,
hold times must be taken into account. On a master
defines a START condition. Each data transfer is
receive, data transfer termination can be signaled by
initiated with a START condition.
the master generating a Not-Acknowledge on the last
Stop Data Transfer: A change in the state of the
byte that has been transmitted by the slave.
SDA line from low to high while the SCL line is high
defines
a
STOP
condition.
Each
data
transfer
terminates
with
a
repeated
START
or
STOP
condition.
Figure 15. Two-Wire Timing Diagram
Table 11. Timing Characteristics for Figure 15
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
SCL operating frequency
f(SCL)
0.001
0.4
0.001
3.4
MHz
Bus free time between STOP and START conditions
t(BUF)
600
160
ns
Hold time after repeated START condition. After this period, the first clock
t(HDSTA)
100
100
ns
is generated.
Repeated START condition setup time
t(SUSTA)
100
100
ns
STOP condition setup time
t(SUSTO)
100
100
ns
Data hold time
t(HDDAT)
0
0
ns
Data setup time
t(SUDAT)
100
10
ns
SCL clock LOW period
t(LOW)
1300
160
ns
SCL clock HIGH period
t(HIGH)
600
60
ns
Clock/Data fall time
tF
300
160
ns
Clock/Data rise time
tR
300
160
ns
for SCL
≤ 100kHz
tR
1000
ns
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com