Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP007 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 2Page - Texas Instruments TMP007 Datasheet HTML 3Page - Texas Instruments TMP007 Datasheet HTML 4Page - Texas Instruments TMP007 Datasheet HTML 5Page - Texas Instruments TMP007 Datasheet HTML 6Page - Texas Instruments TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
6.5 Electrical Characteristics
at TDIE = 25°C, and V+ = +3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE PERFORMANCE
Responsivity (signal)
TDIE = 0°C to 100°C, TOBJ = 0°C to 60°C
9
V/W
1-s conversion, TDIE = 0°C to 60°C, TOBJ = 0°C to
Sensor noise
300
nVrms
60°C
Noise equivalent power (NEP)
At 1
σ, TDIE = 0°C to 60°C, TOBJ = 0°C to 60°C
32
nW
Noise equivalent temperature difference(1)(NETD)
TDIE = 0°C to 60°C, TOBJ = 0°C to 60°C
90
mK
Noise equivalent temperature difference (NETD)
At F/1 (6
σ), TDIE = 25°C, TOBJ = 0°C to 60°C
1.4
°C
Absorber size
330 × 330
μm
REFERENCE SYSTEM PERFORMANCE(1)
TDIE = 20°C to 40°C, TOBJ = 20°C to 60°C
±1
±3
°C
Object temperature accuracy(1) (error)
TDIE = 0°C to 60°C, TOBJ = –15°C to 85°C
±2
±5
°C
TEMPERATURE MEASUREMENT
TDIE
Die temperature range
–40
+125
°C
TDIE accuracy (error)
±0.5
±1
°C
Accuracy vs supply
±0.1
±0.2
°C/V
Conversion time
0.25
Second
Temperature resolution (object and local)
0.03125
°C/LSB
Field of view (50% responsivity, full angle)
90
Degrees
DIGITAL PINS
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.4
V
Hysteresis
200
mV
VOL
Low-level output voltage, SDA
IOUT = –6 mA
0.05
0.4
V
Output ALERT logic low sink
IOUT = –6 mA
0.200
V
IIN
Input current
0 V < VIN < 5.5 V
–1
+1
µA
Input capacitance
3
pF
SMBus frequency
0.01
2.5
MHz
Timeout time
25
28
35
ms
POWER SUPPLY
V+
Operating supply range
2.5
5.5
V
POR
Power-on reset
1.9
V
Nonvolatile memory programming voltage
2.5
5.5
V
Nonvolatile memory programming current
Supply current pulse time < 3 ms
2.8
mA
Serial bus inactive, continuous conversion
270
350
µA
Low power conversion, serial bus inactive, CR2 =
85(2)
µA
IQ
Quiescent current
1, CR1 = x, CR0 = 1
Low power conversion serial bus active, CR2 = 1,
60(2)
µA
CR1 = 1, CR0 = 0
Serial bus inactive
2
4
µA
ISD
Shutdown current
Serial bus active, 400 kHz
36
µA
(1)
This parameter is tested in a fully-settled setup with no transients, in front of a black body,
ε = 0.95, field of view (FOV) = 110°, with the
recommended layout , and after system calibration with a common set of coefficients loaded.
(2)
Average current over complete measurement cycle.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com