Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP007 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 3Page - Texas Instruments TMP007 Datasheet HTML 4Page - Texas Instruments TMP007 Datasheet HTML 5Page - Texas Instruments TMP007 Datasheet HTML 6Page - Texas Instruments TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
0
10
20
30
40
50
60
70
0
20
40
60
80
Object Temperature (
SC)
60°C
40°C
20°C
0°C
C010
0
20
40
60
80
100
120
0
20
40
60
80
Object Temperature (
SC)
0°C
20°C
40°C
C011
±400
±300
±200
±100
0
100
200
300
400
±40
±20
0
20
40
IR Power (µW)
60°C
40°C
20°C
0°C
C007
Responsivity - 9 V/W
0
200
400
600
800
±20
0
20
40
60
80
100
Object Temperature (
ƒC)
60°C
40°C
20°C
0°C
C008
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4.0
8.0
12.0
16.0
Wavelength (µm)
C005
20
30
40
50
60
70
80
90
100
110
±90 ±75 ±60 ±45 ±30 ±15
0
15
30
45
60
75
90
Angle (
ƒ)
C001
Field of View
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
6.6 Typical Characteristics
at TDIE = 25°C, and V+ = +3.3 V (unless otherwise noted)
Figure 1. Relative Spectral Response vs Wavelength
Figure 2. Responsivity vs Angle
NOTE: The responsivity is the slope of the lines.
Figure 3. Sensor Voltage vs IR Power Over TDIE
Figure 4. Sensor Noise vs TOBJ and TDIE
Figure 5. NEP vs TOBJ and TDIE
Figure 6. NETD for Reference System at F/1 Over TDIE
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com