Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP007 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 1 Page - Texas Instruments

  TMP007 Datasheet HTML 1Page - Texas Instruments TMP007 Datasheet HTML 2Page - Texas Instruments TMP007 Datasheet HTML 3Page - Texas Instruments TMP007 Datasheet HTML 4Page - Texas Instruments TMP007 Datasheet HTML 5Page - Texas Instruments TMP007 Datasheet HTML 6Page - Texas Instruments TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
V+
AGND
DGND
16-Bit
ADC
Gain
Local
Temperature
IR
Thermopile
Sensor
Voltage
Reference
Digital
Control
and
Math Engine
I
2C and
SMBus
Compatible
Digital
Interface
ALERT
ADR0
ADR1
SCL
SDA
TMP007
EEPROM
Thot
Tcold
Thot
Thot
Thot
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
TMP007 Infrared Thermopile Sensor with Integrated Math Engine
1 Features
3 Description
The
TMP007
is
a
fully-integrated
microelectro-
1
•
Integrated MEMS Thermopile for Noncontact
mechanical system (MEMS) thermopile sensor that
Temperature Sensing
measures the temperature of an object without direct
•
14-Bit Local Temperature Sensor for Cold
contact. The thermopile absorbs passive infrared
Junction Reference
energy from an object at wavelengths between 4 um
to 16 um within the end-user defined field of view.
–
±1°C (max) from 0°C to +60°C
–
±1.5°C (max) from –40°C to +125°C
The
internal
math
engine
combines
the
corresponding
change
in
voltage
across
the
•
Integrated Math Engine
thermopile with the internal cold-junction reference
–
Directly Read Object Temperature
temperature sensor to calculate the target object
–
Programmable Alerts
temperature. The TMP007 also provides nonvolatile
memory for storing calibration coefficients.
–
Nonvolatile Memory for Storing Calibration
Coefficients
The TMP007 is designed with portability and power in
–
Transient Correction
mind, and can easily be placed in the tightest of
spaces while using standard surface-mount assembly
•
Two-Wire Serial Interface Options
processes. Low power consumption also makes it
–
I2C and SMBus Compatible
well suited for battery-powered applications.
–
Eight Programmable Addresses
The TMP006 offers a reduced feature set. The
•
Low Power
TMP006 offers similar performance as the TMP007,
–
Supply: 2.5 V to 5.5 V
but does not contain the math engine or nonvolatile
memory.
–
Active Current: 270
μA (typ)
–
2-µA Shutdown (max)
The Infrared thermopile sensor is specified to operate
from –40°C to +125°C. It is possible to measure
•
Compact Package
object temperature beyond the device operating
–
1.9-mm × 1.9-mm × 0.625-mm DSBGA
range as long as the device itself does not exceed
the operating temperature range (–40°C to +125°C).
2 Applications
Device Information(1)
•
Noncontact Temperature Sensing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Case Temperature
TMP007
DSBGA (8)
1.90 mm × 1.90 mm
–
Laser Printers
(1) For all available packages, see the package option addendum
–
Power Relays
at the end of the datasheet.
–
Health and Beauty
–
HVAC Comfort Optimization
•
Gas Concentration
•
Flame Detection
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP007 TI1-TMP007 Datasheet
1Mb / 55P
Infrared Thermopile Sensor with Integrated Math Engine
TMP007AIYZFR TI1-TMP007AIYZFR Datasheet
1Mb / 55P
Infrared Thermopile Sensor with Integrated Math Engine
TMP007AIYZFT TI1-TMP007AIYZFT Datasheet
1Mb / 55P
Infrared Thermopile Sensor with Integrated Math Engine
TMP007 TI1-TMP007_16 Datasheet
1Mb / 55P
Infrared Thermopile Sensor with Integrated Math Engine
More results

Similar Description - TMP007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
THERMOPILE INFRARED SENSOR
TP337 ETC1-TP337 Datasheet
214Kb / 9P
Thermopile Infrared Sensor
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
THERMOPILE INFRARED SENSOR
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
THERMOPILE INFRARED SENSOR
logo
Texas Instruments
TMP007 TI1-TMP007_16 Datasheet
1Mb / 55P
Infrared Thermopile Sensor with Integrated Math Engine
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
Thermopile Infrared (IR) Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com