Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP007 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 6Page - Texas Instruments TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments TMP007 Datasheet HTML 13Page - Texas Instruments TMP007 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
( )
2
2
5
k T
B
2hc
1
B
T,
watts / cm / m
hc
e
1
l
æ
ö
ç
÷
ç
÷
l =
m
l
ç
÷
l
ç
÷
-
è
ø
V+
AGND
DGND
16-Bit
ADC
Gain
Local
Temperature
IR
Thermopile
Sensor
Voltage
Reference
Digital
Control
and
Math Engine
I
2C and
SMBus
Compatible
Digital
Interface
ALERT
ADR0
ADR1
SCL
SDA
TMP007
EEPROM
Thot
Tcold
Thot
Thot
Thot
+
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TMP007 is an integrated digital thermopile temperature sensor in a wafer chip-scale package (WCSP) that
detects the temperature of a remote object by its infrared (IR) emission. It is optimal for thermal management
and thermal protection applications where remote noncontact temperature sensing is desired. The TMP007 is
two-wire and SMBus interface compatible, and is specified over the temperature range of –40°C to 125°C. The
TMP007 contains registers for holding configuration and calibration information, temperature limits, local
temperature, TDIE, measurement results, and the thermopile voltage measurement result. The local temperature
and the thermopile voltage measurements are used by the math engine to calculate the object temperature,
which is then stored in the respective register. In addition, the TMP007 has an internal EPROM memory that can
be used to store the factory default values and custom values for coefficients and calibration parameters. The
values in EPROM can be transferred to the registers either individually or as a complete set.
The SDA (and SCL, if driven by an open-drain output) interface pin requires a pull-up resistor (10 k
Ω, typical) as
part of the communication bus. The ALERT pin is an open-drain output that must also use a pull-up resistor, or
be left floating if unused. If desired, ALERT may be shared with other devices for a wired-OR implementation.
7.2 Functional Block Diagram
7.3 Feature Description
The TMP007 senses the IR radiation that is emitted by all objects. The spectrum of the radiation depends only
on the temperature and is given by Planck’s law, as shown in Equation 1:
where
•
h = Planck’s constant
•
c = speed of light
•
kB = Boltzmann’s constant
•
λ = wavelength in microns
(1)
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com