Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6702 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM6702
Description  PFM Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6702 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6702 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SM6702 series
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
Ta = 25 °C
Electrical Characteristics
L = 330 µH, C = 22 µF, Ta = 25 °C, VSS = 0 V
V target : Setting output voltage
P arameter
S y m b o l
Condition
Rating
Unit
LX impressed voltage
V LX
5V
OUT impressed voltage
V OUT
4V
LX output current
ILX
200
m A
P ow er dissipation
P D
SM6702
−××H A
150
mW
SM6702
−××H B
500
O p e rating temperature
Topr
− 20 to 70
°C
Storage temperature
T stg
− 40 to 125
°C
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
Star t-up voltage
V st
R L = 30 kΩ
–
–
0.9
V
Holding voltage
V hold
R L = 3 kΩ
–
–
0.7
V
Current consumption
ISS
V IN = 1.5 V, RL = 30 kΩ
–8
1 6
µ A
Output voltage
V OUT
V IN = 1.5 V, RL = 3 kΩ
V target ×
0.975
V target
V target ×
1.025
V
LX output current
ILX
V OUT = V target − 0.1,
V LX = 0.4 V
2.2
≤ V target ≤ 2.7
6 0
–
–
mA
2.8
≤ V target ≤ 3.3
8 0
–
–
LX leakage current
ILXL
V OUT = V LX = 3.5 V
–
–
1
µ A
Maxim um oscillator frequency
fOSC
V OUT = V target − 0.1
80
100
120
k H z
Switch ON duty cycle
Duty
V OUT = V target − 0.1
65
75
85
%
Input voltage range
V IN
––
V target +
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com