Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6702 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM6702
Description  PFM Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6702 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM6702 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM6702 series
NIPPON PRECISION CIRCUITS—5
FUNCTIONAL DESCRIPTION
Step-up Principle
The SM6702 series use a transistor to switch the input supply in a non-isolated chopper switching regulator
configuration. The figure below shows the basic step-up switching regulator circuit.
If the transistor is ON for an interval tON and then instantly turned OFF, the energy stored in the coil L during
the interval tON generates a voltage VL across the coil. This voltage is superimposed on the input voltage such
that the peak voltage reaches VIN + VL which forces the diode D to conduct and release the stored energy into
the output.
During normal operation, the above switching occurs repeatedly at a frequency controlled by an oscillator
(which can change depending on the input and output load conditions), generating a square wave output which
is then smoothed by the output capacitor C. Thus the output voltage (VOUT > VIN) has been stepped up.
PFM Control
In SM6702 series, the LX transistor ON interval is fixed, and the OFF interval varies in response to the input
voltage and load changes. Thus the resulting switching cycle frequency varies, called pulse frequency modula-
tion.
L
VIN
VOUT
D
Tr
GND
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com