Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6702 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM6702
Description  PFM Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6702 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6702 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM6702 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
PFM Step-up DC/DC Converter
OVERVIEW
The SM6702 series are step-up DC/DC converter ICs, fabricated using NPC’s Molybdenum-gate CMOS pro-
cess. They incorporate reference voltage source, error amplifier, oscillator, start-up circuit, PFM (Pulse Fre-
quency Modulation) control circuit into a single chip. The only external components required are a Coil, Diode
and output smoothing capacitors to form a step-up DC/DC converter. They employ PFM voltage control cir-
cuits to achieve high efficiency, stable constant-voltage output.
FEATURES
I
Power dissipation : 24
µW at VIN = 1.5 V, VOUT = 3.0 V, IOUT = 100 µA
I
Start-up input voltage : 0.9 V (max) at RL = 30 kΩ
I
Output voltage : 2.2 V to 3.3 V, available in 0.1 Vstep
I
High efficiency : 85% at VIN = 1.5 V, VOUT = 3.0 V, IOUT = 1 mA
I
Low ripple voltage
I
Package : SOT23-3, SOT89-3
APPLICATIONS
I
PDA, Mobile IT equipment
I
Digital Stil Camera
I
Pager
I
Constant-voltage sources for battery-operated equipment
I
Local voltage sources
ORDERING INFORMATION
D e vice
Output voltag e 1
1. Stepwise setting with a step of 0.1V in the range of 2.2V to 3.3V is available.
Pa ck ag e
SM6702-33HB
3.3 V
S O T89-3
SM6702-30HA
3.0 V
S O T23-3
SM6702-30HB
3.0 V
S O T89-3
SM6702-27HA
2.7 V
S O T23-3
SM6702-27HB
2.7 V
S O T89-3
SM6702-24HA
2.4 V
S O T23-3


Similar Part No. - SM6702

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
SM6701 MSK-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
M.S. Kennedy Corporatio...
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
More results

Similar Description - SM6702

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
PFM Step-up DC/DC Converter
September 12, 2007
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com