Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6702 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM6702
Description  PFM Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6702 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6702 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6702 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SM6702 series
NIPPON PRECISION CIRCUITS—8
Output voltage vs. Temperature
Start-up voltage vs. Temperature
Current consumption vs. Temperature
Maximum oscillator frequency vs.
Temperature
Hold-on voltage vs. Temperature
Oscillator duty cycle vs. Temperature
2.8
-40
-20
0
20406080
2.9
3.0
3.1
3.2
Temperature [
°C]
Vin=1.5V, L=330
µH, RL=3kΩ
-40
-20
0
2040
6080
1.0
0.8
0.6
0.4
0.2
0.0
Temperature [
°C]
L=330
µH, RL=30kΩ
-40
-20
0
20
406080
10
8
6
4
2
0
Temperature [
°C]
Vin=1.5V, L=330
µH, RL=30kΩ
-40
-20
0
2040
6080
200
175
150
125
100
75
50
25
0
Temperature [
°C]
Vout=2.9V
-40
-20
0
2040
6080
Temperature [
°C]
L=330
µH, RL=3kΩ
1.0
0.8
0.6
0.4
0.2
0.0
-40
-20
0
20
40
60
80
90
85
80
75
70
65
60
55
50
Temperature [
°C]
Vout=2.9V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com