Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3003 Datasheet(PDF) 8 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EP3003_15 Datasheet HTML 4Page - Eorex Corporation EP3003_15 Datasheet HTML 5Page - Eorex Corporation EP3003_15 Datasheet HTML 6Page - Eorex Corporation EP3003_15 Datasheet HTML 7Page - Eorex Corporation EP3003_15 Datasheet HTML 8Page - Eorex Corporation EP3003_15 Datasheet HTML 9Page - Eorex Corporation EP3003_15 Datasheet HTML 10Page - Eorex Corporation EP3003_15 Datasheet HTML 11Page - Eorex Corporation EP3003_15 Datasheet HTML 12Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EP3003
OPERATION
The EP3003 uses current mode architecture with frequency set at 1.5MHz and can be synchronized to
an external oscillator. Both channels share the same clock and run in-phase. To suit a variety of
applications, the selectable Mode pin allows the user to trade-off noise for efficiency.
Output voltage is set by an external divider returned to the VFB pins. An error amplifier compares the
divided output voltage with a reference voltage of 0.6V and adjusts the peak inductor current accordingly.
Over voltage and under voltage comparators will pull the POR output low if the output voltage is not
within ±8.5%. The POR output will go high after 270K clock cycles of achieving regulation. During normal
operation, the top power switch (P-channel MOSFET) is turned on at the beginning of a clock cycle when
the VFB voltage is below the reference voltage.
The current into the inductor and the load increases until the current limit is reached. The switch turns off
and energy stored in the inductor flows through the bottom switch (N-channel MOSFET) into the load
until the next clock cycle.
The peak inductor current is controlled by the internally compensated ITH voltage, which is the output of
the error amplifier. This amplifier compares the VFB pin to the 0.6V reference. When the load current
increases, the VFB voltage decreases slightly below the reference. This decrease causes the error
amplifier to increase the ITH voltage until the average inductor current matches the new load current.
The main control loop is shut down by pulling the RUN pin to ground.
Low Current Control
Pulse skipping mode is available to control the operation of the EP3003 at low currents.
For lower ripple noise at low currents, the pulse skipping mode can be used. In this mode, the EP3003
continues to switch at a constant frequency down to very low currents, where it will begin skipping pulses.
Rev.03
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com