Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3003 Datasheet(PDF) 9 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EP3003_15 Datasheet HTML 5Page - Eorex Corporation EP3003_15 Datasheet HTML 6Page - Eorex Corporation EP3003_15 Datasheet HTML 7Page - Eorex Corporation EP3003_15 Datasheet HTML 8Page - Eorex Corporation EP3003_15 Datasheet HTML 9Page - Eorex Corporation EP3003_15 Datasheet HTML 10Page - Eorex Corporation EP3003_15 Datasheet HTML 11Page - Eorex Corporation EP3003_15 Datasheet HTML 12Page - Eorex Corporation EP3003_15 Datasheet HTML 13Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
EP3003
Dropout Operation
The EP3003 allows the main switch to remain on for more than one switching cycle and increases the
duty cycle until it reaches 100%. The output voltage then is the input voltage minus the voltage drop
across the main switch and the inductor. At low input supply voltage, the RDS(ON) of the P Channel
MOSFET increases, and the efficiency of the converter decreases. Caution must be exercised to ensure
the heat dissipated not to exceed the maximum junction temperature of the IC.
Note 3. The duty cycle D of a step-down converter is defined as:
D = TON x fOSC x 100% ≈ VOUT/VIN x 100%
where TON is the main switch on time, and fOSC is the oscillator frequency (1.5MHz).
Maximum Load Current
The EP3003 will operate with input supply voltage as low as 2.5V, however, the maximum load current
decreases at lower input due to large IR drop on the main switch and synchronous rectifier. The slope
compensation signal reduces the peak inductor current as a function of the duty cycle to prevent
sub-harmonic oscillations at duty cycles greater than 50%. Conversely the current limit increases as the
duty cycle decreases.
APPLICATIONS INFORMATION
A general application circuit for EP3003 is shown in Figure 1, which is the baseline for some calculation
mentioned below. All external component selection for EP3003 application design will be illustrated as
the following.
Setting the Output Voltage
The external resistor sets the output voltage according to the following equation:
⎟
⎠
⎞
⎜
⎝
⎛ +
=
1
2
1
6
.
0
R
R
V
V
out
R1 = 150KΩ; R2 = 300KΩ for VOUT = 1.8V;
R3 = 100KΩ; R4 = 330KΩ for VOUT = 2.5V.
Rev.03
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com