Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3003 Datasheet(PDF) 11 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EP3003_15 Datasheet HTML 5Page - Eorex Corporation EP3003_15 Datasheet HTML 6Page - Eorex Corporation EP3003_15 Datasheet HTML 7Page - Eorex Corporation EP3003_15 Datasheet HTML 8Page - Eorex Corporation EP3003_15 Datasheet HTML 9Page - Eorex Corporation EP3003_15 Datasheet HTML 10Page - Eorex Corporation EP3003_15 Datasheet HTML 11Page - Eorex Corporation EP3003_15 Datasheet HTML 12Page - Eorex Corporation EP3003_15 Datasheet HTML 13Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EP3003
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device.
The input capacitor impedance at the switching frequency shall be less than input source impedance to
prevent high frequency switching current passing to the input. A low ESR input capacitor sized for
maximum RMS current must be used. Ceramic capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and small temperature coefficients. A 10µF ceramic capacitor
for most applications is sufficient.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure regulation loop
stability. The output capacitor must have low impedance at the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended due to their low ESR and minimization of large
temperature and voltage coefficients. The output ripple
OUT
V
∆
is determined by:
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
×
×
−
×
≤
∆
3
8
1
C
f
ESR
L
f
V
V
V
V
V
OSC
OSC
IN
OUT
IN
OUT
OUT
Rev.03
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com