Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3003 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 2 Page - Eorex Corporation

  EP3003_15 Datasheet HTML 1Page - Eorex Corporation EP3003_15 Datasheet HTML 2Page - Eorex Corporation EP3003_15 Datasheet HTML 3Page - Eorex Corporation EP3003_15 Datasheet HTML 4Page - Eorex Corporation EP3003_15 Datasheet HTML 5Page - Eorex Corporation EP3003_15 Datasheet HTML 6Page - Eorex Corporation EP3003_15 Datasheet HTML 7Page - Eorex Corporation EP3003_15 Datasheet HTML 8Page - Eorex Corporation EP3003_15 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev.03
2
EP3003
2-CH, 600mA Synchronous Step-down Converter
DESCRIPTION
The EP3003 is a dual channel, 1.5MHz constant
frequency, slope compensated current mode PWM
step-down converter. The EP3003 can supply
600mA of load current from a 2.5V to 5.5V input
voltage. Each output voltage is adjustable from
0.6V to 5V. It is ideal for powering portable
equipment that runs from a single cell lithium-Ion
(Li+) battery. Internal synchronous 0.35Ω, 1A
power switches provide high efficiency without the
need for external Schottky diodes. The EP3003
can also run at 100% duty cycle for low dropout
operation, extending battery life in portable
system. Pulse Skipping Mode operation at light
loads provides very low output ripple voltage for
noise sensitive applications.
APPLICATIONS
Cellular and Smart Phones
Microprocessors and DSP Core Supplies
Wireless and DSL Modems
PDAs
Portable Instruments / Media Players
Digital Cameras
PC Cards
FEATURES
High Efficiency: Up to 96%
1.5MHz Constant Switching Frequency
600mA Output Current
Integrated Main Switch and Synchronous
Rectifier
High Switch Current: 1A on Each Channel
2.5V to 5.5V Input Voltage Range
Output Voltage as Low as 0.6V
100% Duty Cycle in Dropout
Low Quiescent Current: 50µA
Slope Compensated Current Mode Co
ntrol for
Excellent Line and Load Transient Response
Can be synchronized to an external oscillator
Short Circuit Protection
Power-on Reset Output
Thermal Fault Protection
<1uA Shutdown Current
Small Thermally Enhanced 10-Pin MSOP and
3mm × 3mm DFN Packages
Typical Application
Figure 1. Basic Application Circuit for 2.5V and 1.8V Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com