Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6552MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6552MA/NOPB
Description  1.5-GHz Fully Differential Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6552MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
4
3
5
8
7
6
V+
+ OUT
VCM
- IN
- OUT
+ IN
EN
V-
2
DAP
-
4
+OUT
5
-OUT
3
6
V+
V-
EN
2
7
VCM
+
1
8
-IN
+IN
LMH6552
www.ti.com
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
6 Pin Configuration and Functions
D Package
8 Pins
Top View
NGS Package
8 Pins
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
EN
7
Enable
-IN
1
Negative Input
+IN
8
Positive Input
-OUT
5
Negative Output
+OUT
4
Positive Output
V-
6
Negative Supply
V+
3
Positive Supply
VCM
2
Output Common Mode Control
DAP
DAP
Die Attach Pad (See Thermal Considerations for more information)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com