Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6552MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6552MA/NOPB
Description  1.5-GHz Fully Differential Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6552MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
127:
+
-
LMH6552
V
+
V
-
22 pF
VREF
127:
-
+
100:
100:
274:
274:
ADC14DS105
14-Bit
105
MSPS
620 nH
620 nH
49.9:
68.1:
68.1:
0.1 PF
50:
Single-Ended
AC-coupled
Source
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH6552
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
LMH6552 1.5-GHz Fully Differential Amplifier
1 Features
3 Description
The LMH6552 device is a high-performance, fully
1
•
1.5-GHz
−3 dB Small Signal
differential
amplifier
designed
to
provide
the
Bandwidth at AV = 1
exceptional signal fidelity and wide large-signal
•
1.25-GHz
−3 dB Large Signal
bandwidth necessary for driving 8-bit to 14-bit high-
Bandwidth at AV = 1
speed
data
acquisition
systems.
Using
TI's
proprietary differential current mode input stage
•
800-MHz Bandwidth at AV = 4
architecture, the LMH6552 allows operation at gains
•
450-MHz 0.1 dB Flatness
greater
than
unity
without
sacrificing
response
•
3800-V/µs Slew Rate
flatness, bandwidth, harmonic distortion, or output
•
10-ns Settling Time to 0.1%
noise performance.
–
−90 dB THD at 20 MHz
With external gain set resistors and integrated
–
−74 dB THD at 70 MHz
common mode feedback, the LMH6552 can be
configured as either a differential input to differential
•
20-ns Enable/Shutdown Pin
output or single-ended input to differential output gain
•
5-V to 12-V Operation
block. The LMH6552 can be AC- or DC-coupled at
the input which makes it suitable for a wide range of
2 Applications
applications, including communication systems and
high-speed oscilloscope front ends. The performance
•
Differential ADC Driver
of the LMH6552 driving an ADC14DS105 device is
•
Video Over Twisted Pair
86 dBc SFDR and 74 dBc SNR up to 40 MHz.
•
Differential Line Driver
The LMH6552 is available in an 8-pin SOIC package
•
Single End to Differential Converter
as well as a space-saving, thermally enhanced 8-pin
•
High-Speed Differential Signaling
WSON package for higher performance.
•
IF/RF Amplifier
Device Information(1)
•
Level Shift Amplifier
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
SAW Filter Buffer/Driver
SOIC (8)
4.90 mm × 3.91 mm
LMH6552
WSON (8)
3.00 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6552MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552MANOPB TI1-LMH6552MANOPB Datasheet
730Kb / 30P
1.5 GHz Fully Differential Amplifier
LMH6552MAXNOPB TI1-LMH6552MAXNOPB Datasheet
730Kb / 30P
1.5 GHz Fully Differential Amplifier
More results

Similar Description - LMH6552MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
1.5 GHz Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
Fully Differential Amplifier
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
2.8-GHz Ultra Linear Fully Differential Amplifier
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
Fully Differential Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com