Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6552MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6552MA/NOPB
Description  1.5-GHz Fully Differential Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6552MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
0
20 40 60 80 100 120 140 160 180 200
10
11
12
13
14
15
FREQUENCY (MHz)
V
+
= +5V
V
-
= -5V
AV = 9 V/V
RF = 275:
50: SYSTEM
0
20 40 60 80 100 120 140 160 180 200
10
11
12
13
14
15
FREQUENCY (MHz)
V
+
= +2.5V
V
-
= -2.5V
AV = 9 V/V
RF = 275:
50: SYSTEM
0.1
1
1000
FREQUENCY (MHz)
20
40
65
85
100
10
75
55
30
25
35
45
50
60
70
80
AV = 2 V/V
RL = 500:
RF = 357:
VOUT = 1.0 VPP
1
1000
FREQUENCY (MHz)
-70
-50
-30
-10
100
10
-20
-40
-60
-15
-25
-35
-45
-55
-65
V
+
= +2.5V
V
-
= -2.5V
RL = 500:
RF = 357:
AV = 1 V/V
V
+
= +5V
V
-
= -5V
0
40
100
80
60
20
90
70
50
30
10
1
1000
FREQUENCY (MHz)
100
10
0.1
+PSRR
-PSRR
V
+ = +5V
V
- = -5V
AV = 2 V/V
RL = 500:
VIN = 0V
0.1
1000
FREQUENCY (MHz)
0
-40
-70
-110
100
10
1
-90
-50
-10
-100
-80
-60
-30
-20
+PSRR
-PSRR
V
+
= +2.5V
V
-
= -2.5V
AV = 2 V/V
RL = 500:
VIN = 0V
LMH6552
www.ti.com
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
Typical Characteristics V
+ = +5 V, V− = −5 V (continued)
(TA = 25°C, RF = RG = 357Ω, RL = 500Ω, AV = 1, for single ended in, differential out, unless specified).
Figure 28. PSRR
Figure 27. PSRR
Figure 29. CMRR
Figure 30. Balance Error
Figure 31. Noise Figure
Figure 32. Noise Figure
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com