Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6552MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6552MA/NOPB
Description  1.5-GHz Fully Differential Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6552MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LMH6552
www.ti.com
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
7.6 Electrical Characteristics ±2.5 V
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = +2.5V, V− = −2.5V, A
V = 1, VCM = 0V, RF = RG = 357Ω,
RL = 500Ω, for single ended in, differential out.
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
SSBW
Small Signal
−3 dB Bandwidth (2)
VOUT = 0.2 VPP, AV = 1, RL = 1 kΩ
1100
VOUT = 0.2 VPP, AV = 1
800
VOUT = 0.2 VPP, AV = 2
740
MHz
VOUT = 0.2 VPP, AV = 4
660
VOUT = 0.2 VPP, AV = 8
498
LSBW
Large Signal
−3 dB Bandwidth
VOUT = 2 VPP, AV = 1, RL = 1 kΩ
820
VOUT = 2 VPP, AV = 1
690
VOUT = 2 VPP, AV = 2
620
MHz
VOUT = 2 VPP, AV = 4
589
VOUT = 2 VPP, AV = 8
480
0.1 dB Bandwidth
VOUT = 0.2 VPP, AV = 1
300
MHz
Slew Rate
2V Step, AV = 1
2100
V/
μs
Rise/Fall Time, 10% to 90%
2V Step
700
ps
0.1% Settling Time
2V Step
10
ns
Overdrive Recovery Time
VIN = 0.7 V to 0 V Step, AV = 5 V/V
6
ns
DISTORTION AND NOISE RESPONSE
HD2
2nd Harmonic Distortion
VOUT = 2 VPP, f = 20 MHz, RL = 800Ω
-82
dBc
VOUT = 2 VPP, f = 70 MHz, RL = 800Ω
-65
HD3
3rd Harmonic Distortion
VOUT = 2 VPP, f = 20 MHz, RL = 800Ω
-79
dBc
VOUT = 2 VPP, f = 70 MHz, RL = 800Ω
-67
IMD3
Two-Tone Intermodulation
f
≥ 70 MHz, Third Order Products,
−77
dBc
VOUT = 2 VPP Composite
Input Noise Voltage
f
≥ 1 MHz
1.1
nV/
√Hz
Input Noise Current
f
≥ 1 MHz
19.5
pA/
√Hz
Noise Figure (See Figure 46)
50
Ω System, AV = 9, 10 MHz
10.2
dB
INPUT CHARACTERISTICS
IBI
Input Bias Current (4)
54
90
µA
IBoffset
Input Bias Current Differential
VCM = 0V, VID = 0V, IBoffset = (IB− - IB+ )/2
2.3
18
μA
(3)
CMRR
Common-Mode Rejection Ratio (3)
DC, VCM = 0V, VID = 0V
75
dBc
RIN
Input Resistance
Differential
15
Ω
CIN
Input Capacitance
Differential
0.5
pF
CMVR
Input Common Mode Range
CMRR > 38 dB
±1.0
±1.3
V
OUTPUT PERFORMANCE
Output Voltage Swing (3)
Differential Output
5.6
6.0
VPP
IOUT
Linear Output Current (3)
VOUT = 0V
±55
±65
mA
ISC
Short Circuit Current
One Output Shorted to Ground, VIN = 2V
±131
mA
Single Ended (5)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See for information on temperature de-rating of this device." Min/Max ratings are based
on product characterization and simulation. Individual parameters are tested as noted.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
IBI is referred to a differential output offset voltage by the following relationship: VOD(offset) = IBI*2RF
(5)
Short circuit current should be limited in duration to no more than 10 seconds. See Power Dissipation for more details.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com