Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C21 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86C21 Datasheet HTML 5Page - Zilog, Inc. Z86C21 Datasheet HTML 6Page - Zilog, Inc. Z86C21 Datasheet HTML 7Page - Zilog, Inc. Z86C21 Datasheet HTML 8Page - Zilog, Inc. Z86C21 Datasheet HTML 9Page - Zilog, Inc. Z86C21 Datasheet HTML 10Page - Zilog, Inc. Z86C21 Datasheet HTML 11Page - Zilog, Inc. Z86C21 Datasheet HTML 12Page - Zilog, Inc. Z86C21 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9
Z86C21 MCU
WITH
8K ROM
Port 2 (P27-P20). Port 2 is an 8-bit, bit programmable,
bidirectional, CMOS compatible port. Each of these eight
I/O lines can be independently programmed as an input or
output or globally as an open-drain output. Port 2 is always
available for I/O operation. When used as an I/O port,
Port 2 may be placed under handshake control. In this
configuration, Port 3 lines P31 and P36 are used as the
handshake control lines /DAV2 and RDY2. The handshake
signal assignment for Port 3 lines P31 and P36 is dictated
by the direction (input or output) assigned to P27
(Figure 7).
OEN
Out
In
PAD
Port 2 (I/O)
Handshake Controls
/DAV2 and RDY2
(P31 and P36)
Z86C21
MCU
TTL Level Shifter
Auto Latch
R
≈ 500 KΩ
Open-Drain
Figure 7. Port 2 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com